Electronic Components Datasheet Search
  English  ▼

X  

141815141010 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 141815141010
Description  WL-OCDA - Optocoupler Darlington
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

141815141010 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  141815141010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 141815141010 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings Input Properties (Ambient Temperature 25 °C unless
otherwise specified):
Properties
Value
Unit
Forward Current
IF max.
60
mA
Peak Forward Current
IF Peak
1
A
Input Power Dissipation
PI
100
mW
Reverse Voltage
VREV
6
V
Absolute Maximum Ratings Output Properties:
Properties
Value
Unit
Collector Emitter Voltage
VCE
40
V
Emitter Collector Voltage
VEC
6
V
Collector Current
ICE.P
80
mA
Output Power Dissipation
PO
150
mW
Absolute Maximum Ratings Common Properties:
Properties
Test conditions
Value
Unit
Power Dissipation 1)
PDiss
200
mW
Isolation Voltage
VISO AC for 1 Minute, RH 40~60%
5000
V (RMS)
1)
Total power dissipation of the whole component
Electrical & Optical Input Properties:
Properties
Test conditions
Value
Unit
typ.
max.
Forward Voltage
VF
IF = 10 mA
1.24
1.4
V
Reverse Current
IREV
VREV = 6 V
10
µA
Input Capactiance
Cin
V = 0 V
f = 1 kHz
10
pF
Electrical & Optical Output Properties:
Properties
Test conditions
Value
Unit
min.
max.
Collector-Emitter Dark Current
ICEO.Dark
VCE = 10 V
IF = 0
100
nA
Collector-Emitter Breakdown
Voltage
V(BR)CE
IC = 100 µA
IF = 0
40
V
Emitter-Collector Breakdown
Voltage
V(BR)EC
IE = 100 µA
IF = 0
6
V
Electrical & Optical Transfer Properties:
Properties
Test conditions
Value
Unit
min.
typ.
max.
Current Transfer Ratio
CTR
IF = 1 mA
VCE = 2 V
600
7500
%
Collector-Emitter Saturation
Voltage
VCEsat
IF = 20 mA
IC = 5 mA
0.8
1
V
Rise Time
tr
VCE = 2 V
IC = 10 mA
RL = 100 Ω
95
300
µs
Fall Time
tf
VCE = 2 V
IC = 10 mA
RL = 100 Ω
84
250
µs
Cut-Off Frequency
fc
VCE = 2 V
IC = 10 mA
RL = 100 Ω
1
kHz
Floating Capacitance
CIO
V = 0 V
f = 1 MHz
0.4
pF
Isolation Resistance
RISO
DC = 500 V
40~60 % R.H.
1
100
TΩ
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
SaVog
001.001
2022-01-07
DIN ISO 2768-1m
DESCRIPTION
WL-OCDA - Optocoupler
Darlington
ORDER CODE
141815141010
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
DIP 4
eiPal
Valid
2/13
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com