Electronic Components Datasheet Search
  English  ▼

X  

5507 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5507
Description  High Current RF Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5507 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5507 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
113
High Current RF Chokes
5500 Series
L (uH)
DCR
Dim.
Dim.
Dim.
Dim.
Part
±10%
(
Ω)
I, DC
A
B
C
D
Number
@ 1KHz
Max.
(A)
Max.
Max.
±.06
±.005
5501
5
0.013
10
0.88
0.63
0.50
0.042
5502
10
0.017
9
1.12
0.63
0.50
0.042
5503
27
0.030
7
0.88
0.81
0.44
0.042
5504
50
0.045
5.6
0.88
0.81
0.44
0.042
5505
100
0.061
4.9
1.12
0.81
0.94
0.042
5506
150
0.069
4.6
1.38
0.81
1.06
0.042
5507
250
0.089
4
1.62
0.81
1.31
0.042
5508
5
0.009
14
0.88
0.64
0.75
0.053
5509
10
0.012
12
1.12
0.64
1.00
0.053
5510
27
0.022
9
0.88
0.88
0.56
0.053
5511
50
0.028
8
1.12
0.88
0.75
0.053
5512
68
0.034
7.3
1.12
0.88
0.88
0.053
5513
100
0.038
6.8
1.38
0.88
1.00
0.053
5514
150
0.046
6.3
1.62
0.88
1.25
0.053
5515
5
0.006
19
1.12
0.69
0.81
0.065
5516
10
0.008
16
1.38
0.69
1.22
0.065
5517
27
0.014
12.5
1.12
0.94
0.69
0.065
5518
50
0.020
10.5
1.38
0.94
0.94
0.065
5519
68
0.023
10
1.38
0.94
1.12
0.065
5520
100
0.027
10
1.62
0.94
1.31
0.065
5521
5
0.004
23
1.38
0.72
0.94
0.082
5522
10
0.006
20
1.69
0.72
1.50
0.082
5523
27
0.010
15
1.38
1.00
0.94
0.082
5524
50
0.013
15
1.62
1.00
1.12
0.082
Special Features
• Very high current capacity
• Low DCR
• Ferrite core
• VW-1 rated shrink tubing to cover winding
• Fixed lead spacing
• Operating temperature -55 to +105°C
• Current to cause 5% maximum inductance
drop or 35°C maximum temperature rise
1/8" of body
to within
Lead tinned
CD
1.0
B
A


Similar Part No. - 5507

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5507 ALPHAWIRE-5507 Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Adafruit Industries
5507 ADAFRUIT-5507 Datasheet
135Kb / 1P
nOOds - Flexible LED Filament - 3V 300mm long - Lime Green
11-4-22
logo
List of Unclassifed Man...
5507-4TJ ETC-5507-4TJ Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
5507-6TJ ETC-5507-6TJ Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Bourns Electronic Solut...
5507-RC BOURNS-5507-RC Datasheet
469Kb / 1P
High Current Chokes
More results

Similar Description - 5507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120 ETC1-1120 Datasheet
38Kb / 1P
HIGH CURRENT RF CHOKES
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
HIGH CURRENT RF CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com