Electronic Components Datasheet Search
  English  ▼

X  

ADC08B3000 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 18Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 19Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 20Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 21Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 22Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 23Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 24Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 25Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
1.0 Functional Description (Continued)
Offset Adjust
Addr: 2h (0010b)
W only (0x007F)
D15
D14
D13
D12
D11
D10
D9
D8
(MSB)
Offset Value
(LSB)
D7
D6
D5
D4
D3
D2
D1
D0
Sign
111111
1
Bits 15:8
Offset Value. The input offset of the ADC is
adjusted linearly and monotonically by the
value in this field. 00h provides a nominal
zero offset, while FFh provides a nominal 45
mV of offset. Thus, each code step provides
0.176 mV of offset.
POR State: 0000 0000 b
Bit 7
Sign bit. 0b gives positive offset, 1b gives
negative offset.
POR State: 0b
Bit 6:0
Must be set to 1b
Full-Scale Voltage Adjust
Addr: 3h (0011b)
W only (0x807F)
D15
D14
D13
D12
D11
D10
D9
D8
(MSB)
Adjust Value
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
111111
1
Bit 15:7
Full Scale Voltage Adjust Value. The input
full-scale voltage or gain of the ADC is
adjusted linearly and monotonically with a 9
bit data value. The adjustment range is
±20% of the nominal 700 mV
P-P differential
value.
0000 0000 0
560mV
P-P
1000 0000 0
Default Value
700mV
P-P
1111 1111 1
840mV
P-P
For best performance, it is recommended
that the value in this field be limited to the
range of 0110 0000 0b to 1110 0000 0b. i.e.,
limit the amount of adjustment to ±15%. The
remaining ±5% headroom allows for the
ADC’s own full scale variation. A gain
adjustment
does
not
require
ADC
re-calibration.
POR State: 1000 0000 0b (no adjustment)
Bits 6:0
Must be set to 1b
Extended Clock Phase Adjust Fine
Addr: Dh (1101b)
W only (0x3FFF)
D15
D14
D13
D12
D11
D10
D9
D8
(MSB)
FAM
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
111111
1
Bit 15:7
Fine Adjust Magnitude. With all bits set,
total adjust = 110ps of non-linear clock
adjust. The default setting is 000000000b
Bit 6:0
Must be set to 1b
Extended Clock Phase Adjust Coarse
Addr: Eh (1110b)
W only (0x07FF)
D15
D14
D13
D12
D11
D10
D9
D8
ENA
CAM
1
1
1
D7
D6
D5
D4
D3
D2
D1
D0
1
111111
1
Bit 15
Enable, default is 0b
Bit 14:11
Coarse Adjust Magnitude. Each LSB results
in approximately 70ps of clock adjust. The
default setting is 0000b
Bits 10:0
Must be set to 1b
FIFO Register
Addr: Fh (1111b)
W only (0xE7FF)
D15
D14
D13
D12
D11
D10
D9
D8
BZO
BZZ
ASW O2E
TP
1
1
1
D7
D6
D5
D4
D3
D2
D1
D0
1
111111
1
Bit 14
BZZ: BSIZE0. Bit 14 in combination with
BSIZE1 (BIT 15) is used to select the buffer
size of the Capture Buffer. The Capture
Buffer is size adjustable and it cannot be split
between the two CMOS data output ports.
See Section 1.6 for a table which relates the
Capture Buffer size to BSIZE1 and BSIZE0
programming.
POR State: 1b
Bit 13
ASW: Auto-Stop Write. When ASW is logic 1,
the
Capture
Buffer
writes
will
stop
automatically when the Capture Buffer is full
of captured data and the FF flag is asserted.
If
this
bit
is
logic
0,
the
device
will
continuously write data to the Capture Buffer
while overwriting previously captured data.
POR State: 1b
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com