Electronic Components Datasheet Search
  English  ▼

X  

LMV716MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MM
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV716MM Datasheet HTML 7Page - National Semiconductor (TI) LMV716MM Datasheet HTML 8Page - National Semiconductor (TI) LMV716MM Datasheet HTML 9Page - National Semiconductor (TI) LMV716MM Datasheet HTML 10Page - National Semiconductor (TI) LMV716MM Datasheet HTML 11Page - National Semiconductor (TI) LMV716MM Datasheet HTML 12Page - National Semiconductor (TI) LMV716MM Datasheet HTML 13Page - National Semiconductor (TI) LMV716MM Datasheet HTML 14Page - National Semiconductor (TI) LMV716MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
High Pass Filter
The transfer function of a high pass filter can be derived in
much the same way as the previous example. A typical first
order high pass filter is shown below:
Writing the KCL for this circuit :
(V
1 denotes the voltage between C and R1)
(12)
(13)
Solving these two equations to find the transfer function and
using:
(high frequency gain)
and
Which gives:
(14)
Looking at the transfer function, it is clear that when f/f
O is
small, the capacitor is open and therefore, no signal is
getting to the amplifier. As the frequency increases the am-
plifier starts operating. Atf=f
O the capacitor behaves like a
short circuit and the amplifier will have a constant, high
frequency gain of H
O. Figure 10 shows the transfer function
of this high pass filter.
Band Pass Filter
Combining a low pass filter and a high pass filter will gener-
ate a band pass filter. Figure 11 offers an example of this
type of circuit.
In this network the input impedance forms the high pass filter
while the feedback impedance forms the low pass filter. If the
designer chooses the corner frequencies so that f
1 < f2, then
all the frequencies between, f
1
≤ f ≤ f
2, will pass through the
filter while frequencies below f
1 and above f2 will be cut off.
The transfer function can be easily calculated using the
same methodology as before and is shown in Figure 12.
(15)
20179559
FIGURE 8. Low Pass Filter Transfer Function
20179560
FIGURE 9. High Pass Filter
20179564
FIGURE 10. High Pass Filter Transfer Function
20179566
FIGURE 11. Band Pass Filter
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com