Electronic Components Datasheet Search
  English  ▼

X  

LMV716MMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MMX
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV716MMX Datasheet HTML 7Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 9Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 10Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 11Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
Low Pass Filter
(20)
High Pass Filter
(21)
Band Pass Filter
(22)
The center frequency and Quality Factor for all of these
filters is the same. The values can be calculated in the
following manner:
(23)
Designing a band pass filter with a center frequency of 10
kHz and Quality Factor of 5.5
To do this, first consider the Quality Factor. It is best to pick
convenient values for the capacitors. C
2 =C3 = 1000 pF.
Also, choose R
1 =R4 =30k
Ω. Now values of R
5 and R6
need to be calculated. With the chosen values for the ca-
pacitors and resistors, Q reduces to:
(24)
or
R
5 = 10R6
R
6 = 1.5 k
Ω
R
5 =15k
Ω
(25)
Also,
forf=10
kHz,
the
center
frequency
is
ωc=2πf = 62.8 kHz.
Using the expressions above, the appropriate resistor values
will be R
2 =R3 =16k
Ω.
The DC gain of this circuit is:
(26)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com