Electronic Components Datasheet Search
  English  ▼

X  

BSH205 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSH205
Description  P-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH205 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSH205 Datasheet HTML 1Page - NXP Semiconductors BSH205 Datasheet HTML 2Page - NXP Semiconductors BSH205 Datasheet HTML 3Page - NXP Semiconductors BSH205 Datasheet HTML 4Page - NXP Semiconductors BSH205 Datasheet HTML 5Page - NXP Semiconductors BSH205 Datasheet HTML 6Page - NXP Semiconductors BSH205 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH205
MOS transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Very low threshold voltage
V
DS = -12 V
• Fast switching
• Logic level compatible
I
D = -0.75 A
• Subminiature surface mount
package
R
DS(ON) ≤ 0.5 Ω (VGS = -2.5 V)
V
GS(TO) ≥ 0.4 V
GENERAL DESCRIPTION
PINNING
SOT23
P-channel, enhancement mode,
PIN
DESCRIPTION
logic
level,
field-effect
power
transistor. This device has low
1
gate
threshold voltage and extremely
fast switching making it ideal for
2
source
battery powered applications and
high speed digital interfacing.
3
drain
The BSH205 is supplied in the
SOT23
subminiature
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-12
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
-12
V
V
GS
Gate-source voltage
-
± 8V
I
D
Drain current (DC)
T
a = 25 ˚C
-
-0.75
A
T
a = 100 ˚C
-
-0.47
A
I
DM
Drain current (pulse peak value)
T
a = 25 ˚C
-
-3
A
P
tot
Total power dissipation
T
a = 25 ˚C
-
0.417
W
T
a = 100 ˚C
-
0.17
W
T
stg, Tj
Storage & operating temperature
- 55
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-a
Thermal resistance junction to
FR4 board, minimum
300
-
K/W
ambient
footprint
d
g
s
1
2
3
Top view
August 1998
1
Rev 1.000


Similar Part No. - BSH205

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSH205 NEXPERIA-BSH205 Datasheet
231Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
BSH205G2 NEXPERIA-BSH205G2 Datasheet
743Kb / 16P
20 V, P-channel Trench MOSFET
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
20 V, P-channel Trench MOSFET
13 October 2020
logo
TECH PUBLIC Electronics...
BSH205G2R TECHPUBLIC-BSH205G2R Datasheet
1Mb / 4P
P-Channel Mosfet
logo
NXP Semiconductors
BSH205G2 PHILIPS-BSH205G2_15 Datasheet
284Kb / 16P
20 V, P-channel Trench MOSFET
29 April 2015
More results

Similar Description - BSH205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH207 PHILIPS-BSH207 Datasheet
155Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHP1025 PHILIPS-PHP1025 Datasheet
51Kb / 8P
P-channel enhancement mode MOS transistor
1998 Feb 18
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
P-channel enhancement mode MOS transistor
1998 Feb 18
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
P-channel enhancement mode MOS transistor
1997 Jun 18
PHP125 PHILIPS-PHP125 Datasheet
105Kb / 12P
P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH201 NEXPERIA-BSH201 Datasheet
238Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
BSH203 NEXPERIA-BSH203 Datasheet
236Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com