Electronic Components Datasheet Search
  English  ▼

X  

AD5100 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5100
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5100 Datasheet HTML 9Page - Analog Devices AD5100 Datasheet HTML 10Page - Analog Devices AD5100 Datasheet HTML 11Page - Analog Devices AD5100 Datasheet HTML 12Page - Analog Devices AD5100 Datasheet HTML 13Page - Analog Devices AD5100 Datasheet HTML 14Page - Analog Devices AD5100 Datasheet HTML 15Page - Analog Devices AD5100 Datasheet HTML 16Page - Analog Devices AD5100 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 13 of 32
V3MON
V3MON is a low-voltage monitoring input that controls the
RESET function of an external device. V3MON monitors inputs
from 2.5V to 5.5V. It has an 8-step programmable reset
threshold with an 8-step 0.1ms-200ms reset hold time. The
reset hold time means that the reset of the external device is
held until the programmed-time is reached. The V3MON and
reset timing diagrams are shown in Figure 8. The range of
thresholds is shown in Table 5a and the programming code of
the selected-threshold is found in Table 5b. The defaulted
monitoring threshold is 4.36V. Similarly, the range of reset
hold time is shown in Tables 6a and the programming code
of the selected-timing is found in Table 6b. The defaulted
reset hold time is 200ms.
V
3MON
t
GLITCH
t
RS_HOLD*
RESET
V
3MON
t
RS_HOLD*
t
RS_DELAY
t
RS_DELAY
* Programmable
V
3MON
t
GLITCH
t
RS_HOLD*
RESET
V
3MON
t
RS_HOLD*
t
RS_DELAY
t
RS_DELAY
* Programmable
Figure 8. V3MON
RESET Timing Diagrams
The V3MON pin is monitored by a comparator to detect an
under-voltage condition. It is designed with 1.5% hysteresis.
When the V3MON input drops below the programmed UV
threshold, the comparator will become active immediately,
indicating a UV condition has occurred. Due to hysteresis,
the V3MON input must be brought above the programmed UV
threshold by 1.5% before the comparator will be in-active,
indicating the UV condition has gone away, see Figure 9.
The V3MON comparator is used (in conjunction with a hold
timer) to control the RESET pin.
V3MON exhibits typical input resistance of 50KΩ that users
should account the loading effect.
The MR input has an internal resistor pull-up toV3MON. The
RESET output are push-pull configured between V3MON and
GND.
V
3MON
V
3MON_UV
Hysteresis
UV
Comparator
In-Active
UV
Comparator
In-Active
V
3MON
V
3MON_UV
Hysteresis
UV
Comparator
In-Active
UV
Comparator
In-Active
Figure 9. V3MON Hysteresis.
The default V3MON threshold is 4.36V. User should refer to
Table 5b if they want to program different setting.
V4MON
V4MON is the lowest voltage monitoring input that controls the
RESET function of an external device or provides a
comparator output, V4OUT. V4MON monitors input from 0.9V to
3.3V. It has an 8-step programmable reset threshold with an
8-step 0.1ms to 200ms reset hold time. The V4MON, reset, and
V4OUT timing diagrams are shown in Figure 10. The range of
thresholds is shown in Table 5a and the programming code of
the selected-threshold is found in Tables 5b. The defaulted
monitoring threshold is Disabled. Similarly, the range of
reset hold time is shown in Tables 6a and the programming
code of the selected-timing is found in Table 6b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com