Electronic Components Datasheet Search
  English  ▼

X  

AD5362BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD5362BCPZ
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5362BCPZ Datasheet HTML 13Page - Analog Devices AD5362BCPZ Datasheet HTML 14Page - Analog Devices AD5362BCPZ Datasheet HTML 15Page - Analog Devices AD5362BCPZ Datasheet HTML 16Page - Analog Devices AD5362BCPZ Datasheet HTML 17Page - Analog Devices AD5362BCPZ Datasheet HTML 18Page - Analog Devices AD5362BCPZ Datasheet HTML 19Page - Analog Devices AD5362BCPZ Datasheet HTML 20Page - Analog Devices AD5362BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Preliminary Technical Data
AD5362/AD5363
Rev. P
rF | Page 17 of 25
Table 8. Control Register Monitor Functions
F5
F4
F3
F2
F1
F0
0
X
X
X
X
X
MON_OUT Disabled
1
X
X
X
X
X
MON_OUT Enabled
1
0
0
0
0
X
MON_OUT = VOUT0
1
0
0
0
0
1
MON_OUT = VOUT1
1
0
0
1
1
1
MON_OUT = VOUT7
1
1
0
0
0
0
MON_OUT = MON_IN0
1
1
0
0
0
1
MON_OUT = MON_IN1
The multiplexer is implemented as a series of analog switches.
Since this could conceivably cause a large amount of current to
flow from the input of the multiplexer, i.e. VOUTx or
MON_INx to the output of the multiplexer, MON_OUT, care
should taken to ensure that whatever is connected to the
MON_OUT pin is of high enough impedance to prevent the
Continuous Current Limit specification from being exceeded.
GPIO PIN
The AD5362/AD5363 has a general-purpose I/O pin, GPIO.
This can be configured as an input or an output and read back
or programmed (when configured as an output) via the serial
interface. Typical applications for this pin include monitoring
the status of a logic signal, limit switch, or controlling an
external multiplexer. The GPIO pin is configured by writing to
the GPIO register, which has the special function code of
0b001101 (see Table 11 and Table 13 ). When Bit F1 is set the
GPIO pin will be an output and F0 will determine whether the
pin is high or low. The GPIO pin can be set as an input by
writing 0 to both F1 and F0. The status of the GPIO pin can be
determined by initiating a read operation using the appropriate
bits in Table 14. The status of the pin will be indicated by the
LSB of the register read.
POWER-DOWN MODE
The AD5362/AD5363 can be powered down by setting Bit 0 in
the control register. This will turn off the DACs thus reducing
the current consumption. The DAC outputs will be connected
to their respective SIGGND potentials. The power-down mode
doesn’t change the contents of the registers and the DACs will
return to their previous voltage when the power-down bit is
cleared.
TEMPERATURE MONITORING
The AD5362/AD5363 can be programmed to power down the
DACs if the temperature on the die exceeds 130°C. Setting Bit 1
in the control register (see Table 13) will enable this function. If
the die temperature exceeds 130°C the AD5362/AD5363 will
enter a temperature power-down mode, which is equivalent to
setting the power-down bit in the control register. To indicate
that the AD5362/AD5363 has entered temperature shutdown
mode Bit 4 of the control register is set. The AD5362/AD5363
will remain in temperature shutdown mode, even if the die
temperature falls, until Bit 1 in the control register is cleared.
TOGGLE MODE
The AD5362/AD5363 has two X2 registers per channel, X2A
and X2B, which can be used to switch the DAC output between
two levels with ease. This approach greatly reduces the overhead
required by a micro-processor which would otherwise have to
write to each channel individually. When the user writes to
either the X1A ,X2A, M or C registers the calculation engine
will take a certain amount of time to calculate the appropriate
X2A or X2B values. If the application only requires that the
DAC output switch between two levels, such as a data generator,
any method which reduces the amount of calculation time
encountered is advantageous. For the data generator example
the user need only set the high and low levels for each channel
once, by writing to the X1A and X1B registers. The values of
X2A and X2B will be calculated and stored in their respective
registers. The calculation delay therefore only happens during
the setup phase, i.e. when programming the initial values. To
toggle a DAC output between the two levels it is only required
to write to the relevant A/B Select Register to set the MUX2
register bit. Furthermore, since there are 4 MUX2 control bits
per register it is possible to update four channels with a single
write. Table 12 shows the bits that correspond to each DAC
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com