| Electronic Components Datasheet Search |
|
AD5373BSTZ Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5373BSTZ Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 25 page ![]() Preliminary Technical Data AD5372/AD5373 Rev. P rF | Page 9 of 25 NC NC NC VDD VOUT5 VOUT4 SIGGND0 VOUT3 VOUT2 VOUT1 VOUT0 VREF0 VOUT23 VOUT22 VOUT21 VOUT20 39 38 37 41 40 VSS VDD SIGGND2 VOUT19 36 35 34 33 42 43 44 45 46 47 48 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 64 63 62 61 60 59 58 PIN 1 IDENTIFIER AD5372 AD5373 TOP VIEW (Not to Scale) RESET BUSY VOUT27 SIGGND3 VOUT28 VOUT29 VOUT30 VOUT31 NC NC NC NC 13 14 15 16 25 26 27 31 30 29 28 32 57 56 55 54 53 52 51 50 49 100605 Figure 6.64-Lead LQFP Pin Configuration 1 2 3 4 5 6 7 8 9 10 11 12 13 14 42 41 40 39 38 37 36 35 34 33 32 31 30 29 LDAC CLR RESET BUSY VOUT27 SIGGND3 VOUT28 VOUT29 VOUT30 VOUT31 NC VDD VSS VREF1 NC = NO CONNECT PIN 1 INDICATOR AD5372/ AD5373 TOP VIEW (Not to scale) VOUT5 VOUT4 SIGGND0 VOUT3 VOUT2 VOUT1 VOUT0 VREF0 VOUT23 VOUT22 VOUT21 VOUT20 VSS VDD 5372-0060 Figure 7. 56-Lead LFCSP Pin Configuration Table 5. Pin Function Descriptions Pin Function DVCC Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1 µF ceramic capacitors and 10 µF capacitors. VSS Negative Analog Power Supply; −11.4 V to −16.5 V for specified performance. These pins should be decoupled with 0.1 µF ceramic capacitors and 10 µF capacitors. VDD Positive Analog Power Supply; +11.4 V to +16.5 V for specified performance. These pins should be decoupled with 0.1 µF ceramic capacitors and 10 µF capacitors. AGND Ground for All Analog Circuitry. All AGND pins should be connected to the AGND plane. DGND Ground for All Digital Circuitry. All DGND pins should be connected to the DGND plane. VREF0 Reference Input for DACs 0 to 7. This reference voltage is referred to AGND. VREF1 Reference Input for DACs 8 to 31. This reference voltage is referred to AGND. VOUT0 to VOUT31 DAC Outputs. Buffered analog outputs for each of the 40 DAC channels. Each analog output is capable of driving an output load of 10 kΩ to ground. Typical output impedance of these amplifiers is 1 Ω. SYNC1 Active Low Input. This is the frame synchronization signal for the serial interface. SCLK1 Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This pin operates at clock speeds up to 50 MHz. SDI1 Serial Data Input. Data must be valid on the falling edge of SCLK. SDO1 Serial Data Output. CMOS output. SDO can be used for readback. Data is clocked out on SDO on the rising edge of SCLK and is valid on the falling edge of SCLK. CLR Asynchronous Clear Input (level sensitive, active low). See the Clear Function section for more information LDAC Load DAC Logic Input (Active Low).See the BUSY AND LDAC FUNCTIONS section for more information. RESET Asynchronous Digital Reset Input. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |