Electronic Components Datasheet Search
  English  ▼

X  

AD5533B Datasheet(PDF) 9 Page - Analog Devices

Part # AD5533B
Description  32-Channel Precision Infinite Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5533B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5533B Datasheet HTML 5Page - Analog Devices AD5533B Datasheet HTML 6Page - Analog Devices AD5533B Datasheet HTML 7Page - Analog Devices AD5533B Datasheet HTML 8Page - Analog Devices AD5533B Datasheet HTML 9Page - Analog Devices AD5533B Datasheet HTML 10Page - Analog Devices AD5533B Datasheet HTML 11Page - Analog Devices AD5533B Datasheet HTML 12Page - Analog Devices AD5533B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD5533B
–9–
TERMINOLOGY
VIN to VOUT Nonlinearity
This is a measure of the maximum deviation from a straight line
passing through the endpoints of the VIN versus VOUT transfer
function. It is expressed as a percentage of the full-scale span.
Total Unadjusted Error (TUE)
This is a comprehensive specification that includes relative accu-
racy, gain, and offset errors. It is measured by sampling a range
of voltages on VIN and comparing the measured voltages on
VOUT to the ideal value. It is expressed in mV.
Offset Error
This is a measure of the output error when VIN = 70 mV. Ideally,
with VIN = 70 mV:
VGain
Gain
V
mV
OUT
OFFS IN
=×
−
− ×
()
((
)
)
_
70
1
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal). It is expressed in mV and can be positive or
negative. See Figure 5.
Gain Error
This is a measure of the span error of the analog channel. It is
the deviation in slope of the transfer function. See Figure 5. It is
calculated as:
Gain Error
Actual Full Scale Output
Ideal Full Scale Output Offset
Error
=−
−
-
-
where
Ideal Full Scale Output
Gain
Gain
V
OFFS
IN
-
=×
−
− ×
(.
)
((
)
)
_
296
1
Ideal Gain = 3.52
Output Temperature Coefficient
This is a measure of the change in analog output with changes in
temperature. It is expressed in ppm/
°C.
DC Power Supply Rejection Ratio
DC Power Supply Rejection Ratio (PSRR) is a measure of
the change in analog output for a change in supply voltage
(VDD and VSS). It is expressed in dBs. VDD and VSS are varied
±5%.
DC Crosstalk
This is the dc change in the output level of one channel in response
to a full-scale change in the output of all other channels. It is
expressed in
µV.
Output Settling Time
This is the time taken from when
BUSY goes high to when the
output has settled to
±0.018%.
Acquisition Time
This is the time taken for the VIN input to be acquired. It is the
length of time that
BUSY stays low.
OFFS_IN Settling Time
This is the time taken from a 0 V–3 V step change in input
voltage on OFFS_IN until the output has settled to within
±0.39%.
Digital Feedthrough
This is a measure of the impulse injected into the analog outputs
from the digital control inputs when the part is not being written
to, i.e.,
CS/SYNC is high. It is specified in nV-secs and is measured
with a worst-case change on the digital input pins, e.g., from all
0s to all 1s and vice versa.
Output Noise Spectral Density
This is a measure of internally generated random noise. Random
noise is characterized as a spectral density (voltage per root Hertz).
It is measured by acquiring 1.5 V on all channels and measuring
noise at the output. It is measured in nV/
√Hz typ.
AC Crosstalk
This is the area of the glitch that occurs on the output of one chan-
nel while another channel is acquiring. It is expressed in nV-secs.
2.96
3V
70mV
0V
VOUT
IDEAL
TRANSFER
FUNCTION
ACTUAL
TRANSFER
FUNCTION
OFFSET
ERROR
GAIN ERROR +
OFFSET ERROR
VIN
UPPER
DEAD BAND
LOWER
DEAD BAND
Figure 5. ISHA Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com