Electronic Components Datasheet Search
  English  ▼

X  

AD5532ABC-3 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel Precision Infinite Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 1 Page - Analog Devices

  AD5532ABC-3 Datasheet HTML 1Page - Analog Devices AD5532ABC-3 Datasheet HTML 2Page - Analog Devices AD5532ABC-3 Datasheet HTML 3Page - Analog Devices AD5532ABC-3 Datasheet HTML 4Page - Analog Devices AD5532ABC-3 Datasheet HTML 5Page - Analog Devices AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5533B*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
32-Channel Precision
Infinite Sample-and-Hold
FEATURES
Infinite Sample-and-Hold Capability to
0.018% Accuracy
Infinite Sample-and-Hold Total Unadjusted Error
2.5 m V
High Integration:
32-Channel DAC in 12 mm
12 mm CSPBGA
Per Channel Acquisition Time of 16
s Max
Adjustable Voltage Output Range
Output Impedance 0.5
Output Voltage Span 10 V
Readback Capability
DSP/Microcontroller Compatible Serial Interface
Parallel Interface
Temperature Range –40 C to +85 C
APPLICATIONS
Optical Networks
Automatic Test Equipment
Level Setting
Instrumentation
Industrial Control Systems
Data Acquisition
Low Cost I/O
FUNCTIONAL BLOCK DIAGRAM
SYNC/CS
WR
CAL
A4 –A0
SCLK
OFFSET SEL
AD5533B
DVCC
VIN
DIN DOUT
ADDRESS INPUT REGISTER
AVCC
REF IN REF OUT
OFFS IN
INTERFACE
CONTROL
LOGIC
OFFS OUT
VOUT 31
VOUT 0
TRACK / RESET
BUSY
DAC GND
AGND
DGND
SER /
PAR
VDD
VSS
DAC
DAC
DAC
ADC
GENERAL DESCRIPTION
The AD5533B combines a 32-channel voltage translation function
with an infinite output hold capability. An analog input voltage on
the common input pin, VIN, is sampled and its digital represen-
tation transferred to a chosen DAC register. VOUT for this DAC
is then updated to reflect the new contents of the DAC register.
Channel selection is accomplished via the parallel address inputs
A0–A4 or via the serial input port. The output voltage range is
determined by the offset voltage at the OFFS_IN pin and the gain
of the output amplifier. It is restricted to a range from VSS + 2 V
to VDD – 2 V because of the headroom of the output amplifier.
The device is operated with AVCC = +5 V
± 5%, DVCC = +2.7 V
to +5.25 V, VSS = –4.75 V to –16.5 V, and VDD = +8 V to
+16.5 V and requires a stable 3 V reference on REF_IN as well
as an offset voltage on OFFS_IN.
PRODUCT HIGHLIGHTS
1. Precision infinite droopless sample-and-hold capability.
2. The AD5533B is available in a 74-lead CSPBGA with a
body size of 12 mm
12 mm.
3. In infinite sample-and-hold mode, a total unadjusted error of
±2.5 mV is achieved by laser-trimming on-chip resistors.
*Protected by U.S. Patent No. 5,969,657; other patents pending.


Similar Part No. - AD5532ABC-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532ABC-3 AD-AD5532ABC-3 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
AD5532ABC-3 AD-AD5532ABC-3 Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - AD5532ABC-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5532B AD-AD5532B Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com