Electronic Components Datasheet Search
  English  ▼

X  

BSH301 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSH301
Description  Dual N-channel enhancement mode MOS transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH301 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSH301 Datasheet HTML 1Page - NXP Semiconductors BSH301 Datasheet HTML 2Page - NXP Semiconductors BSH301 Datasheet HTML 3Page - NXP Semiconductors BSH301 Datasheet HTML 4Page - NXP Semiconductors BSH301 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1999 Apr 06
2
Philips Semiconductors
Objective specification
Dual N-channel enhancement mode MOS transistor
BSH301
FEATURES
• 40 mΩ on-state resistance at 2.5 V gate drive
• RDSon rating down to 1.8 V
• ESD gate protection.
APPLICATIONS
• Li-Ion safety switch
• Power management.
DESCRIPTION
Two N-channel enhancement mode MOS transistors in an
8-pin plastic TSSOP8 package.
PINNING SOT530 (TSSOP8)
PIN
SYMBOL
DESCRIPTION
1
d1
drain 1
2
s1
source 1
3
s1
source 1
4
g1
gate 1
5
g2
gate 2
6
s2
source 2
7
s2
source 2
8
d1
drain 1
CAUTION
The device is supplied in an antistatic package. The gate
inputs must be protected against static discharge during
transport or handling.
Fig.1 Simplified outline (SOT530) and symbol.
handbook, halfpage
MAM423
1
4
8
5
d1 s2 s2
g2
d1 s1 s1
g1
QUICK REFERENCE DATA
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. TS is the temperature at the soldering of the drain lead.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
20
V
VSD
source-drain diode forward voltage
VGD = 0; IS = 1.25 A
−
1V
VGS
gate-source voltage (DC)
−±8V
VGSth
gate-source threshold voltage
VDS =VGS; ID =1mA
0.4
−
V
ID
drain current (DC)
TS =80 °C; note 1
−
5A
RDSon
drain-source on-state resistance
VGS = 2.5 V; ID = 3.5 A
−
0.04
Ω
Ptot
total power dissipation
TS =80 °C
−
1.75
W
Full Data Sheet will appear: on WWW (Internet; details in front section/back of this HB/CD-ROM) or updated Loose leaf



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com