Electronic Components Datasheet Search
  English  ▼

X  

AD5664R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5664R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5664R Datasheet HTML 13Page - Analog Devices AD5664R Datasheet HTML 14Page - Analog Devices AD5664R Datasheet HTML 15Page - Analog Devices AD5664R Datasheet HTML 16Page - Analog Devices AD5664R Datasheet HTML 17Page - Analog Devices AD5664R Datasheet HTML 18Page - Analog Devices AD5664R Datasheet HTML 19Page - Analog Devices AD5664R Datasheet HTML 20Page - Analog Devices AD5664R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 17 of 28
FREQUENCY (Hz)
800
0
100
200
300
400
500
600
700
100
10k
1k
100k
1M
VDD = 3V
VREFOUT = 1.25V
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
MIDSCALE LOADED
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
67
9
810
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 48. Settling Time vs. Capacitive Load
Figure 46. Noise Spectral Density, Internal Reference
FREQUENCY (Hz)
5
–40
10k
100k
1M
10M
–35
–30
–25
–20
–15
–10
–5
0
VDD = 5V
TA = 25°C
FREQUENCY (Hz)
–20
–50
–80
–30
–40
–60
–70
–90
–100
2k
4k
6k
8k
10k
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL SCALE
VREF = 2V ± 0.3V p-p
Figure 49. Multiplying Bandwidth
Figure 47. Total Harmonic Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com