Electronic Components Datasheet Search
  English  ▼

X  

BLDC100 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # BLDC100
Description  BLDC DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

BLDC100 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  BLDC100 Datasheet HTML 1Page - Lin Eng. Inc. BLDC100 Datasheet HTML 2Page - Lin Eng. Inc. BLDC100 Datasheet HTML 3Page - Lin Eng. Inc. BLDC100 Datasheet HTML 4Page - Lin Eng. Inc. BLDC100 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
BLDC100
BLDC100
BLDC DRIVER + CONTROLLER
FEATURES AND BENEFITS
The BLDC100 series DC input drives are based on advanced digital current and velocity control technology and provide high
torque, stable velocity and low noise. 
• The structure is compact and the parameter is conbgura2le.
• 1-48VyDC supplv Woltage.
• kor, in Welocitv mode.
• Accept analog control signal3 digital control signal3 RS4-/-58VM communication command or HHI control.
• figh response oP the QID Welocitv loop and D5( current loop control.
• Brushless sinusoidal current control. kith motor phase compensation.
• The driWe can supplv 10A )rmsx maOimum continuouslv current Por each motor phase. And the twice oWer load -0A is
allowed Por M seconds.
• kith eight single4ended opticallv isolated inputs )M4-8yx which is conbgura2le Por sin,ing or sourcing 2v two switches3
one analog input)04My3 can 2e conbgured 2v soPtwarex and two darlington opticallv isolated outputs )maOimum output
current is V0mAx.
• qutputs can 2e conbgured 2v V Punctions depending on diPPerent reYuirements.
DRIyER LA:qUT


Similar Part No. - BLDC100

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
Brushless DC Motor Driver
logo
Mclennan Servo Supplie...
BLDC-58-35 MCLENNAN-BLDC-58-35 Datasheet
97Kb / 1P
Low cost geared brushless motor
logo
Lin Eng. Inc.
BLDC-CABLE-1M LINENGINEERING-BLDC-CABLE-1M Datasheet
237Kb / 2P
CABLE
BLDC-CABLE-3M LINENGINEERING-BLDC-CABLE-3M Datasheet
1Mb / 2P
CABLE
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results

Similar Description - BLDC100

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
1-Axis BLDC Controller/Driver 5A/48V
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
TLE9185QXV33 INFINEON-TLE9185QXV33 Datasheet
5Mb / 192P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com