Electronic Components Datasheet Search
  English  ▼

X  

NCP1521 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1521
Description  1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1521 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1521 Datasheet HTML 9Page - ON Semiconductor NCP1521 Datasheet HTML 10Page - ON Semiconductor NCP1521 Datasheet HTML 11Page - ON Semiconductor NCP1521 Datasheet HTML 12Page - ON Semiconductor NCP1521 Datasheet HTML 13Page - ON Semiconductor NCP1521 Datasheet HTML 14Page - ON Semiconductor NCP1521 Datasheet HTML 15Page - ON Semiconductor NCP1521 Datasheet HTML 16Page - ON Semiconductor NCP1521 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP1521
http://onsemi.com
13
J1
1
2
0
Power
C1
4.7
mF
VIN
VFVIN
0
1
2
3
EN
U1
VP
GND
EN
FB
LX
5
4
LX
1
NCP152x
0
2
C2
10
mF
R1
220 K
R2
220 K
0
C3
18 pF
VOUT
0
1
2
OUTPUT
J3
VP
1
2
3
CON3
J5
R3
220 K
0
EN
0
BNCH
J4
Figure 29. Schematics
2.2
mH
L1
Figure 30. Silkscreen Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com