Electronic Components Datasheet Search
  English  ▼

X  

BSN205 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSN205
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSN205 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSN205 Datasheet HTML 1Page - NXP Semiconductors BSN205 Datasheet HTML 2Page - NXP Semiconductors BSN205 Datasheet HTML 3Page - NXP Semiconductors BSN205 Datasheet HTML 4Page - NXP Semiconductors BSN205 Datasheet HTML 5Page - NXP Semiconductors BSN205 Datasheet HTML 6Page - NXP Semiconductors BSN205 Datasheet HTML 7Page - NXP Semiconductors BSN205 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSN205; BSN205A
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a TO-92
variant envelope. Designed primarily
as a line current interrupter in
telephone sets, it can also be applied
in other applications such as in relays,
line and high speed transformer
drivers etc.
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown
• Low R
DS(on)
QUICK REFERENCE DATA
PINNING - TO-92 VARIANT
Drain-source voltage
VDS
max.
200 V
Gate-source voltage (open drain)
± VGSO
max.
20 V
Drain current (DC)
ID
max.
300 mA
Total power dissipation up to
Tamb =25 °CPtot
max.
1 W
Drain-source ON-resistance
typ.
max.
4.5
6
Ω
Ω
ID = 400 mA; VGS =10V
RDS(on)
Transfer admittance
min.
typ.
200
350
mS
mS
ID = 400 mA; VDS =25V
 Yfs
BSN205
BSN205A
1
= gate
1
= source
2
= drain
2
= gate
3
= source
3
= drain
PIN CONFIGURATION
Fig.1 Simplified outline and symbol.
Note: various pinout configurations available.
handbook, halfpage
MAM148
1
3
2
s
d
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com