Electronic Components Datasheet Search
  English  ▼

X  

CDBD640-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBD640-HF
Description  Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD640-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBD640-HF Datasheet HTML 1Page - Comchip Technology CDBD640-HF Datasheet HTML 2Page - Comchip Technology CDBD640-HF Datasheet HTML 3Page - Comchip Technology CDBD640-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
C
d
D
D1
TO-252AA/D-PAK
SYMBOL
A
(mm)
(inch)
8.00
0.10
±
1.55 0.10
±
4.00 0.10
±
2.00 0.10
±
22.40 ± 0.60
330.00
2.00
±
0.061 0.004
±
12.992 0.079
±
SYMBOL
(mm)
(inch)
0.315 0.004
±
0.157 0.004
±
0.079 0.004
±
0.882 ± 0.024
E
F
P
P0
P1
W
W1
1.75 0.10
±
0.069 0.004
±
7.50 0.10
±
0.295 0.004
±
TO-252AA/D-PAK
10.49 ± 0.10
0.413
0.004
±
6.96 0.10
±
0.274 0.004
±
2.79 0.10
±
0.110 0.004
±
Reel Taping Specification
100.00
0
± 1.5
3.937 ± 0.059
16.00 0.30
+
- 0.10
0.630 0.012
+
- 0.004
D2
2.00 ± 0.50
0.079 ± 0.020
D1
D2
D
W1
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
T
C
Index hole
d
E
F
B
W
P
P0
P1
A
Schottky Barrier Rectifiers
Page 3
QW-JB077
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com