Electronic Components Datasheet Search
  English  ▼

X  

CDBMS1200-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMS1200-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS1200-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMS1200-HF Datasheet HTML 1Page - Comchip Technology CDBMS1200-HF Datasheet HTML 2Page - Comchip Technology CDBMS1200-HF Datasheet HTML 3Page - Comchip Technology CDBMS1200-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 40 to 200 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV:B
Features
Mechanical data
- Epoxy: UL 94V0 rated flame retardant.
-
- Terminals: Lead Free Plating (Tin Finish)
-Solderable per MIL-STD-202, method 208.
- Polarity: Indicated by cathode band.
CDBMS140-HF Thru. CDBMS1200-HF
Comchip Technology CO., LTD.
SOD-123F
- Weight: 0.022 grams (Approx.)
- High current capability.
-
.
Low forward voltage.
Halogen Free
- Extremely low thermal resistance.
- Case: SOD-123F, molded plastic.
Company reserves the right to improve product design , functions and reliability without notice.
- For surface mount application.
Dimensions in inches and (millimeter)
QW-JB061
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Max.
rectified
Average forward
current
VRRM
VRMS
VDC
IF
VF
IFSM
IR
CJ
TJ
140-HF
160-HF
CDBMS
1100-HF
40
40
28
60
60
42
1.0
0.66
30
0.5
100
100
70
V
V
V
A
V
A
mA
°C
0.52
0.90
TSTG
-55 to +150
°C
-50 to +150
pF
1150-HF
150
105
150
1200-HF
200
140
200
0.83
0.87
RJC
θ
45
°C/W
60
25
0.2
1. Measured at 1.0MHZ and applied reverse voltage of 4V DC.
Note:
Max. Instantaneous forward voltage
IF=1.0A @TA=25°C
Operating temperature range
Storage temperature range
Typical junction capacitance (Note 1)
P
forward surge current,
eak
8.3ms
single
superimposed
half sine-wave
on rated load (JEDEC methode)
Typical thermal resistance
Max. Repetitive peak reverse voltage
Max. RMS voltage
Max. DC blocking voltage
Max. DC reverse current @TA=25°C
at Rated DC blocking voltage
@TA=100°C
20
10
-50 to +125
0.154(3.90)
0.130(3.30)
0.079(2.00)
0.061(1.55)
0.045(1.15)
0.031(0.80)
0.043(1.10)
0.053(1.35)
0.031(0.80)
0.114(2.90)
0.094(2.40)
0.014(0.35)
0.012(0.30)
0.002(0.05)
Circuit Diagram


Similar Part No. - CDBMS1200-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMS140LL-HF COMCHIP-CDBMS140LL-HF Datasheet
98Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
REV: A
More results

Similar Description - CDBMS1200-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com