Electronic Components Datasheet Search
  English  ▼

X  

NCV7708 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCV7708
Description  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor NCV7708 Datasheet HTML 13Page - ON Semiconductor NCV7708 Datasheet HTML 14Page - ON Semiconductor NCV7708 Datasheet HTML 15Page - ON Semiconductor NCV7708 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NCV7708
http://onsemi.com
12
Typical Operating Characteristics
Figure 5. Typical High−side Negative Clamp
Voltage vs. Reverse Current, Room Temperature
Figure 6. VCC Sleep Supply Current vs.
Temperature
HIGH SIDE PIN VOLTAGE (V)
TJ, TEMPERATURE (°C)
−4.0
−3.0
−2.0
−1.0
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
150
100
50
0
−50
0
1.0
2.0
3.0
4.0
Applications Drawing
The applications drawing below displays the range with
which this part can drive a multitude of loads. The dotted line
connecting the outputs exhibits the NCV7708 diversity.
1. H−Bridge Driver configuration
2. Low Side Driver
3. High Side Driver
Figure 7. Application Drawing
M
VSx
OUTHx
OUTLx
GND
VSx
OUTHx
OUTLx
GND
2
1
3
+
Any combination of motors and high side drivers can be designed in. This allows for flexibility in many systems.
H−Bridge Driver Configuration
The NCV7708 has the flexibility of controlling each
driver independently. When the device is set up in an
H−Bridge configuration, the software design has to take care
of avoiding simultaneous activation of connected HS and LS
transistors. Resulting high shoot through currents could
cause irreversible damage to the device.
Overvoltage Clamping − Driving Inductive Loads
To avoid excessive voltages when driving inductive loads
in a single−side−mode (LS or HS switch, no freewheeling
path), external clamping diodes for inductive turn off of the
low side driver must be provided. The maximum clamp
voltage is 48 V. Due to high power dissipation during
clamping, the maximum energy capability of the driver
transistor has to be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com