Electronic Components Datasheet Search
  English  ▼

X  

ADV7342BSTZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 73Page - Analog Devices ADV7342BSTZ Datasheet HTML 74Page - Analog Devices ADV7342BSTZ Datasheet HTML 75Page - Analog Devices ADV7342BSTZ Datasheet HTML 76Page - Analog Devices ADV7342BSTZ Datasheet HTML 77Page - Analog Devices ADV7342BSTZ Datasheet HTML 78Page - Analog Devices ADV7342BSTZ Datasheet HTML 79Page - Analog Devices ADV7342BSTZ Datasheet HTML 80Page - Analog Devices ADV7342BSTZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 77 of 88
622
623
624
625
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
320
FIELD
5
7
6
4
3
2
1
HSYNC
HSYNC
Figure 105. SD Slave Mode 1, PAL
Mode 1—Master Option (Subaddress 0x8A = X X X X X 0 1 1)
In this mode, the ADV7342/ADV7343 can generate horizontal sync and odd/even field signals. When HSYNC is low, a transition of the
field input indicates a new frame, that is, vertical retrace. The ADV7342/ADV7343 automatically blank all normally blank lines as per
CCIR-624. Pixel data is latched on the rising clock edge following the timing signal transitions. HSYNC and FIELD are output on the
S_HSYNC and S_VSYNC pins, respectively.
FIELD
PIXEL
DATA
Cb
Y
Cr
Y
HSYNC
PAL = 132 × CLOCK/2
NTSC = 122 × CLOCK/2
Figure 106. SD Timing Mode 1, Odd/Even Field Transitions (Master/Slave)
Mode 2— Slave Option (Subaddress 0x8A = X X X X X 1 0 0)
In this mode, the ADV7342/ADV7343 accept horizontal and vertical sync signals. A coincident low transition of both HSYNC and VSYNC
inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The
ADV7342/ADV7343 automatically blank all normally blank lines as per CCIR-624. HSYNC and VSYNC are input on the S_HSYNC and
S_VSYNC pins, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com