Electronic Components Datasheet Search
  English  ▼

X  

934/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 934/02
Description  PCB connector Screw connection 45°-angle to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

934/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  934/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
934(-DS)
PCB connector
Screw connection 45°-angle to PCB
02.13
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2; zinc plated steel, blue passivated
Solder pin
ø 0,9 mm; tin plated brass
Wire protector
German silver
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-3,50
• Pitch of 7 mm for larger clearance and creepage distances
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 934/02
10.870.552
934-DS/02
20.870.552
7,00 mm
Box
250
3 934/03
10.870.553
934-DS/03
20.870.553
10,50 mm
Box
250
4 934/04
10.870.554
934-DS/04
20.870.554
14,00 mm
Box
250
5 934/05
10.870.555
934-DS/05
20.870.555
17,50 mm
Box
200
6 934/06
10.870.556
934-DS/06
20.870.556
21,00 mm
Box
200
GENERAL INFORMATION
Pitch
3,5 mm
No. of poles
2 - 24
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 1,5 mm² / 0,75 - 1,5 mm² / 18 - 16 AWG
with wire protector
0,34 - 1,5 mm² / 0,34 - 1 mm² / 22 - 16 AWG
Rated Cross Section
1 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
320 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
13,5 A
Hole in PCB
ø 1,2 mm
Torque
0,2 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
26 - 16
0,23
10
300
B
26 - 16
0,2
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 934/02

ManufacturerPart #DatasheetDescription
logo
EAO AG.
934-.401-00 EAO-934-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
934-.401-0P EAO-934-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
934-.401-W0 EAO-934-.401-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
934-.401-WP EAO-934-.401-WP Datasheet
3Mb / 86P
Switches and Indicators
01.2002
934-.700-00 EAO-934-.700-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 934/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
140-C-111 WECO-140-C-111 Datasheet
92Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
141-C-111 WECO-141-C-111 Datasheet
93Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
934-THR-DS WECO-934-THR-DS Datasheet
87Kb / 1P
PCB connector for THR Screw connection 45°-angle to PCB
11.17
974-BP WECO-974-BP Datasheet
69Kb / 1P
PCB connector Screw connection 45°-angle to PCB, with base plate
11.17
974-D-SMD-DS WECO-974-D-SMD-DS Datasheet
95Kb / 1P
PCB connector for SMD Screw connection 45°-angle to PCB
11.17
974-T WECO-974-T Datasheet
118Kb / 1P
PCB connector Screw connection 45°-angle to PCB, interlocking
11.17
974 WECO-974 Datasheet
93Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
975 WECO-975 Datasheet
91Kb / 1P
PCB connector Screw connection 45°-angle to PCB
11.17
976-T WECO-976-T Datasheet
75Kb / 1P
PCB connector Screw connection 45°-angle to PCB, interlocking
07.19
976 WECO-976 Datasheet
87Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com