Electronic Components Datasheet Search
  English  ▼

X  

938/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 938/02
Description  PCB connector Screw connection, large conductor space
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

938/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  938/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
938(-DS)
PCB connector
Screw connection, large conductor space
02.13
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2; zinc plated steel, blue passivated
Solder pin
ø 0,9 mm; tin plated brass
Wire protector
German silver
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-3,50
• Pitch of 7 mm for larger clearance and creepage distances
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 938/02
30.870.402
938-DS/02
40.870.402
7,00 mm
Box
250
3 938/03
30.870.403
938-DS/03
40.870.403
10,50 mm
Box
250
4 938/04
30.870.404
938-DS/04
40.870.404
14,00 mm
Box
250
5 938/05
30.870.405
938-DS/05
40.870.405
17,50 mm
Box
200
6 938/06
30.870.406
938-DS/06
40.870.406
21,00 mm
Box
200
GENERAL INFORMATION
Pitch
3,5 mm
No. of poles
2 - 24
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 1,5 mm² / 0,75 - 1,5 mm² / 18 - 16 AWG
with wire protector
0,34 - 1,5 mm² / 0,34 - 1,5 mm² / 22 - 16 AWG
Rated Cross Section
1 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
320 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
13,5 A
Hole in PCB
ø 1,2 mm
Torque
0,2 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
26 - 16
0,23
10
300
B
26 - 16
0,2
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 938/02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
938 ETC2-938 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
938 ETC2-938 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Abbatron All Rights Res...
938 ABBATRON-938 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
938 ADAFRUIT-938 Datasheet
293Kb / 4P
Monochrome 1.3" 128x64 OLED graphic display - STEMMA QT / Qwiic
logo
WECO ELECTRICAL CONNECT...
938-FLDS WECO-938-FLDS Datasheet
85Kb / 1P
Plug connector Screw connection, large conductor space
04.13
More results

Similar Description - 938/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
938-FLDS WECO-938-FLDS Datasheet
85Kb / 1P
Plug connector Screw connection, large conductor space
04.13
938-T WECO-938-T Datasheet
76Kb / 1P
PCB connector Screw connection, large conductor space, interlocking
04.13
958-FL-DS WECO-958-FL-DS Datasheet
80Kb / 1P
Plug connector Screw connection, large conductor space
05.11
968-T WECO-968-T Datasheet
63Kb / 1P
PCB connector Screw connection, large conductor space, interlocking
11.17
968 WECO-968 Datasheet
97Kb / 1P
PCB connector Screw connection, large conductor space
11.17
969 WECO-969 Datasheet
62Kb / 1P
PCB connector Screw connection, large conductor space
11.17
978-HEN WECO-978-HEN Datasheet
100Kb / 1P
PCB connector Screw connection, tall version, large conductor space
11.17
978-T WECO-978-T Datasheet
70Kb / 1P
PCB connector Screw connection, interlocking, large conductor space
11.17
978 WECO-978 Datasheet
77Kb / 1P
PCB connector Screw connection, large conductor space
11.17
979 WECO-979 Datasheet
76Kb / 1P
PCB connector Screw connection, large conductor space
11.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com