Electronic Components Datasheet Search
  English  ▼

X  

2SC4226 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC4226
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4226 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC4226 Datasheet HTML 4Page - Renesas Technology Corp 2SC4226 Datasheet HTML 5Page - Renesas Technology Corp 2SC4226 Datasheet HTML 6Page - Renesas Technology Corp 2SC4226 Datasheet HTML 7Page - Renesas Technology Corp 2SC4226 Datasheet HTML 8Page - Renesas Technology Corp 2SC4226 Datasheet HTML 9Page - Renesas Technology Corp 2SC4226 Datasheet HTML 10Page - Renesas Technology Corp 2SC4226 Datasheet HTML 11Page - Renesas Technology Corp 2SC4226 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
µµµµPA832TF
6
4
2
0
0.5
1.0
5.0
10
50
100
VCE = 3 V
f = 1 GHZ
Collector current IC (mA)
Noise Figure vs. Collector Current
5.0
1.0
0.5
0.2
0.1
12
5
10
20
50
f = 1 MHZ
2.0
Collector to base voltage VCB (V)
Feedback Capacitance vs. Collector to Base Voltage
24
20
16
12
8
4
0
0.1
0.2
0.5
1.0
2.0
5.0
Frequency f (GHZ)
Insertion Power Gain vs. Frequency
VCE = 3V
IC = 7 mA
f = 2 GHz
Collector current IC (mA)
Noise Figure vs. Collector Current
Q1
Q2
VCE = 3 V
Collector to base voltage VCB (V)
Feedback Capacitance vs. Collector to Base Voltage
0.6
0.5
0.4
0.3
0.2
0.5
20
12
5
10
4
3
2
1
0
0.5
50
12
5
10
f = 1 MHz
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com