Electronic Components Datasheet Search
  English  ▼

X  

2SC5435 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 2SC5435 Datasheet HTML 30Page - Renesas Technology Corp 2SC5435 Datasheet HTML 31Page - Renesas Technology Corp 2SC5435 Datasheet HTML 32Page - Renesas Technology Corp 2SC5435 Datasheet HTML 33Page - Renesas Technology Corp 2SC5435 Datasheet HTML 34Page - Renesas Technology Corp 2SC5435 Datasheet HTML 35Page - Renesas Technology Corp 2SC5435 Datasheet HTML 36Page - Renesas Technology Corp 2SC5435 Datasheet HTML 37Page - Renesas Technology Corp 2SC5435 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet P15571EJ1V0DS
33
µµµµPA841TD
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
(dB)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.696
0.621
0.574
0.554
0.551
0.545
0.546
0.550
0.555
0.562
0.565
0.572
0.580
0.582
0.588
0.592
0.596
0.596
0.599
0.603
0.604
0.602
0.608
0.607
0.612
0.609
0.612
0.611
0.602
0.595
0.648
0.687
−58.8
−98.8
−124.2
−140.9
−152.0
−161.3
−168.2
−174.4
−179.4
176.4
172.3
168.8
166.0
163.2
160.6
158.7
156.5
154.7
152.8
151.0
149.2
147.7
145.8
143.8
142.2
140.5
138.6
136.6
134.3
131.5
119.5
101.4
26.734
19.291
14.365
11.256
9.232
7.772
6.696
5.880
5.213
4.692
4.269
3.896
3.597
3.343
3.114
2.929
2.748
2.597
2.464
2.347
2.249
2.157
2.065
1.992
1.917
1.848
1.781
1.717
1.640
1.582
1.239
0.965
145.0
123.6
111.1
102.6
96.4
91.7
87.8
84.5
81.3
78.5
75.9
73.4
71.0
68.8
66.6
64.4
62.5
60.4
58.6
56.4
54.9
53.3
51.6
49.7
48.1
46.5
44.8
43.3
41.1
39.1
24.3
10.3
0.030
0.043
0.052
0.058
0.063
0.068
0.073
0.079
0.085
0.091
0.096
0.102
0.108
0.114
0.120
0.126
0.132
0.138
0.144
0.150
0.156
0.163
0.170
0.176
0.183
0.189
0.195
0.201
0.209
0.216
0.262
0.312
62.3
51.4
47.9
47.1
47.4
48.4
49.2
50.3
51.1
52.0
52.4
52.9
53.3
53.5
53.8
53.8
53.9
53.8
53.5
53.5
53.2
52.8
52.3
51.8
51.3
50.7
50.1
49.1
47.6
46.8
41.8
29.7
0.816
0.592
0.442
0.347
0.284
0.240
0.211
0.191
0.179
0.171
0.169
0.167
0.168
0.169
0.170
0.171
0.173
0.173
0.175
0.173
0.174
0.173
0.174
0.173
0.175
0.175
0.178
0.181
0.187
0.190
0.267
0.341
−34.0
−55.5
−68.2
−77.6
−84.8
−92.5
−98.9
−106.3
−112.3
−118.6
−123.5
−128.4
−131.8
−135.3
−137.4
−140.3
−141.4
−144.1
−144.7
−146.9
−147.9
−150.0
−151.0
−153.1
−154.7
−157.1
−159.0
−161.2
−162.9
−165.1
177.6
165.7
0.223
0.340
0.484
0.603
0.696
0.781
0.845
0.896
0.935
0.965
0.992
1.013
1.024
1.039
1.050
1.055
1.063
1.076
1.078
1.080
1.082
1.089
1.083
1.085
1.080
1.091
1.093
1.100
1.120
1.136
1.100
1.085
29.50
26.49
24.45
22.91
21.67
20.56
19.60
18.72
17.88
17.14
16.47
15.12
14.27
13.45
12.77
12.22
11.65
11.06
10.63
10.22
9.83
9.40
9.10
8.75
8.48
8.07
7.75
7.39
6.83
6.40
4.82
3.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com