Electronic Components Datasheet Search
  English  ▼

X  

2SC5737 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 2SC5737
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5737 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 2SC5737 Datasheet HTML 21Page - Renesas Technology Corp 2SC5737 Datasheet HTML 22Page - Renesas Technology Corp 2SC5737 Datasheet HTML 23Page - Renesas Technology Corp 2SC5737 Datasheet HTML 24Page - Renesas Technology Corp 2SC5737 Datasheet HTML 25Page - Renesas Technology Corp 2SC5737 Datasheet HTML 26Page - Renesas Technology Corp 2SC5737 Datasheet HTML 27Page - Renesas Technology Corp 2SC5737 Datasheet HTML 28Page - Renesas Technology Corp 2SC5737 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet PU10056EJ01V0DS
23
µµµµPA851TD
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.696
0.615
0.598
0.590
0.582
0.585
0.589
0.595
0.596
0.603
0.609
0.613
0.614
0.618
0.623
0.625
0.625
0.629
0.629
0.633
0.630
0.635
0.630
0.634
0.637
0.641
0.644
0.648
0.648
0.651
0.699
0.731
−65.1
−105.2
−128.5
−143.7
−153.8
−161.5
−166.9
−171.8
−175.5
−178.7
178.6
176.3
174.1
172.3
170.6
168.8
167.3
165.6
164.2
162.7
160.9
159.4
157.5
155.8
154.1
152.4
150.8
149.2
147.9
146.1
135.7
126.0
23.163
16.266
12.161
9.506
7.734
6.512
5.592
4.925
4.393
3.951
3.606
3.310
3.060
2.845
2.662
2.495
2.355
2.228
2.111
2.013
1.924
1.849
1.782
1.714
1.652
1.589
1.530
1.491
1.449
1.403
1.064
0.816
141.8
120.6
108.9
100.1
94.4
89.6
85.7
82.0
79.0
76.1
73.2
70.9
68.3
66.0
63.7
61.5
59.2
57.3
55.2
53.1
51.1
48.7
46.7
44.6
42.9
41.0
39.0
36.9
34.9
33.3
18.4
2.4
0.029
0.043
0.049
0.054
0.058
0.062
0.067
0.071
0.076
0.081
0.086
0.091
0.097
0.102
0.108
0.114
0.121
0.127
0.134
0.141
0.148
0.155
0.161
0.168
0.175
0.183
0.191
0.199
0.206
0.213
0.294
0.365
62.2
49.1
44.7
44.0
45.1
46.4
48.2
49.9
51.4
52.9
54.3
55.4
56.5
57.4
58.2
58.8
59.3
59.6
60.0
60.1
60.3
60.4
60.2
59.9
59.6
59.1
58.7
58.1
58.1
57.4
48.5
29.0
0.801
0.571
0.429
0.340
0.282
0.242
0.213
0.192
0.175
0.163
0.154
0.148
0.145
0.144
0.145
0.148
0.151
0.156
0.162
0.168
0.175
0.182
0.189
0.197
0.203
0.211
0.216
0.224
0.228
0.233
0.292
0.316
−32.9
−50.7
−59.1
−64.1
−67.5
−70.4
−73.2
−76.5
−79.9
−83.8
−88.2
−92.5
−97.2
−102.0
−106.5
−110.9
−114.9
−118.6
−121.8
−124.8
−127.4
−130.4
−132.7
−135.2
−137.4
−139.9
−142.0
−144.3
−146.5
−148.8
176.6
144.0
VCE = 1 V, IC = 15 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.602
0.576
0.569
0.572
0.576
0.576
0.583
0.591
0.594
0.600
0.607
0.611
0.612
0.616
0.621
0.623
0.623
0.625
0.626
0.629
0.628
0.629
0.629
0.633
0.634
0.637
0.640
0.644
0.645
0.648
0.695
0.731
−81.5
−121.8
−141.8
−154.8
−163.0
−169.1
−173.3
−177.1
179.7
177.1
174.8
172.7
171.1
169.4
167.8
166.1
164.7
163.6
162.0
160.9
159.2
157.5
155.9
154.1
152.5
150.8
149.1
147.9
146.9
144.8
135.1
125.6
27.947
18.068
13.057
10.041
8.113
6.806
5.842
5.128
4.564
4.098
3.740
3.436
3.172
2.947
2.759
2.582
2.439
2.312
2.190
2.086
1.994
1.919
1.844
1.776
1.714
1.646
1.588
1.543
1.503
1.454
1.104
0.847
134.6
114.5
104.1
96.2
91.4
87.0
83.7
80.4
77.5
74.8
72.3
70.1
67.6
65.4
63.3
61.1
59.1
57.2
55.3
53.2
51.3
49.1
47.0
44.9
43.3
41.5
39.4
37.4
35.6
33.8
19.0
2.8
0.025
0.036
0.041
0.047
0.052
0.057
0.063
0.068
0.074
0.080
0.086
0.092
0.099
0.105
0.112
0.119
0.126
0.133
0.141
0.148
0.155
0.162
0.169
0.177
0.184
0.191
0.200
0.207
0.215
0.222
0.300
0.366
57.3
48.6
48.0
49.4
51.7
53.6
55.4
57.2
58.3
59.6
60.5
61.1
61.8
62.1
62.7
62.7
62.8
62.7
62.6
62.4
62.3
62.1
61.8
61.1
60.6
59.9
59.4
58.6
58.2
57.4
47.7
28.4
0.717
0.472
0.342
0.266
0.219
0.186
0.162
0.145
0.133
0.125
0.120
0.118
0.118
0.120
0.124
0.128
0.134
0.140
0.147
0.153
0.160
0.168
0.175
0.183
0.189
0.196
0.202
0.210
0.214
0.219
0.282
0.310
−40.7
−58.9
−67.2
−72.4
−76.3
−80.2
−84.2
−89.0
−94.0
−99.5
−105.3
−111.0
−116.4
−121.3
−125.9
−129.9
−133.4
−136.3
−138.8
−141.0
−142.9
−145.1
−146.7
−148.6
−150.3
−152.2
−153.9
−155.7
−157.5
−159.5
168.7
139.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com