Electronic Components Datasheet Search
  English  ▼

X  

2SC5737 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5737
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5737 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5737 Datasheet HTML 4Page - Renesas Technology Corp 2SC5737 Datasheet HTML 5Page - Renesas Technology Corp 2SC5737 Datasheet HTML 6Page - Renesas Technology Corp 2SC5737 Datasheet HTML 7Page - Renesas Technology Corp 2SC5737 Datasheet HTML 8Page - Renesas Technology Corp 2SC5737 Datasheet HTML 9Page - Renesas Technology Corp 2SC5737 Datasheet HTML 10Page - Renesas Technology Corp 2SC5737 Datasheet HTML 11Page - Renesas Technology Corp 2SC5737 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet PU10065EJ01V0DS
6
µµµµPA859TD
Q1
Q2
40
35
30
25
10
5
20
15
0
4
12
3
5
6
7
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
40 A
µ
60 A
µ
80 A
µ
100 A
µ
120 A
µ
140 A
µ
160 A
µ
180 A
µ
200 A
µ
IB = 20 A
µ
40
35
30
25
10
5
20
15
0
2
13
4
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100 A
µ
IB = 50 A
µ
250 A
µ
300 A
µ
350 A
µ
500 A
µ
450 A
µ
400 A
µ
200 A
µ
150 A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com