Electronic Components Datasheet Search
  English  ▼

X  

2SC5786 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 2SC5786
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5786 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 2SC5786 Datasheet HTML 17Page - Renesas Technology Corp 2SC5786 Datasheet HTML 18Page - Renesas Technology Corp 2SC5786 Datasheet HTML 19Page - Renesas Technology Corp 2SC5786 Datasheet HTML 20Page - Renesas Technology Corp 2SC5786 Datasheet HTML 21Page - Renesas Technology Corp 2SC5786 Datasheet HTML 22Page - Renesas Technology Corp 2SC5786 Datasheet HTML 23Page - Renesas Technology Corp 2SC5786 Datasheet HTML 24Page - Renesas Technology Corp 2SC5786 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet PU10057EJ02V0DS
19
µµµµPA861TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.679
0.607
0.538
0.471
0.417
0.381
0.356
0.343
0.334
0.328
0.325
0.325
0.329
0.333
0.339
0.342
0.346
0.350
0.353
0.361
0.363
0.366
0.369
0.371
0.372
0.372
0.373
0.373
0.363
0.366
0.429
0.487
−26.0
−48.0
−66.7
−83.9
−97.6
−110.5
−122.1
−132.8
−141.8
−150.0
−157.3
−163.8
−169.2
−174.5
−178.6
178.2
174.9
171.5
168.1
165.8
163.6
161.6
159.2
157.5
155.4
153.2
151.0
148.4
147.3
146.4
125.5
106.1
22.271
19.885
17.116
14.643
12.598
10.996
9.682
8.648
7.762
7.056
6.438
5.920
5.484
5.108
4.775
4.472
4.213
3.992
3.777
3.597
3.423
3.277
3.165
3.026
2.913
2.808
2.715
2.606
2.511
2.417
1.839
1.431
160.6
144.5
132.6
122.3
114.8
108.7
103.8
99.3
95.8
92.4
89.5
86.7
84.4
82.1
79.9
77.8
75.8
73.9
72.3
70.4
68.8
66.8
65.4
63.9
62.4
61.0
59.6
57.9
56.9
55.9
39.9
26.1
0.016
0.031
0.042
0.050
0.056
0.062
0.068
0.073
0.078
0.084
0.088
0.094
0.099
0.104
0.110
0.115
0.120
0.126
0.131
0.136
0.141
0.147
0.152
0.158
0.163
0.169
0.175
0.180
0.184
0.188
0.243
0.296
80.6
69.6
63.2
59.6
57.6
56.5
56.2
56.3
56.0
56.3
56.5
56.6
56.5
56.8
56.7
56.6
56.5
56.6
56.3
56.1
55.8
55.5
55.3
54.8
54.3
53.9
53.2
52.4
51.5
50.9
46.2
33.9
0.913
0.812
0.699
0.598
0.515
0.449
0.396
0.352
0.318
0.289
0.267
0.248
0.234
0.221
0.211
0.201
0.193
0.185
0.178
0.171
0.165
0.160
0.155
0.151
0.148
0.146
0.143
0.143
0.142
0.140
0.176
0.231
−15.6
−29.3
−39.4
−46.9
−52.5
−57.0
−60.9
−64.4
−67.7
−71.1
−74.2
−77.1
−79.9
−82.4
−84.7
−87.1
−89.3
−91.2
−93.0
−95.1
−97.2
−99.2
−101.3
−103.5
−105.9
−108.1
−111.0
−113.5
−117.3
−120.8
−148.9
−177.0
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.519
0.441
0.386
0.345
0.318
0.308
0.302
0.302
0.306
0.309
0.315
0.319
0.327
0.334
0.340
0.345
0.352
0.354
0.359
0.363
0.369
0.373
0.372
0.376
0.379
0.380
0.380
0.379
0.371
0.371
0.437
0.496
−37.7
−67.6
−89.7
−109.1
−124.2
−136.4
−147.0
−156.0
−163.0
−169.9
−175.2
−180.0
176.1
172.1
169.4
166.5
164.0
161.6
159.5
157.1
155.6
154.1
152.5
150.8
149.0
147.3
145.1
143.3
142.2
141.6
122.4
104.4
30.702
25.245
20.293
16.546
13.819
11.836
10.290
9.102
8.124
7.343
6.687
6.141
5.669
5.270
4.914
4.599
4.341
4.104
3.886
3.698
3.518
3.364
3.246
3.106
2.988
2.886
2.783
2.674
2.576
2.479
1.877
1.457
153.9
135.0
122.7
113.3
106.9
101.7
97.6
93.9
90.9
88.0
85.6
83.3
81.2
79.2
77.2
75.3
73.5
71.8
70.4
68.6
67.1
65.2
64.0
62.6
61.1
59.9
58.5
56.9
56.0
55.2
39.6
26.2
0.015
0.026
0.034
0.041
0.047
0.053
0.059
0.065
0.071
0.077
0.083
0.089
0.095
0.101
0.107
0.113
0.119
0.125
0.131
0.137
0.143
0.149
0.155
0.161
0.167
0.172
0.179
0.184
0.188
0.193
0.250
0.303
74.3
67.6
63.5
62.3
62.3
62.8
63.0
63.4
63.3
63.6
63.8
63.5
63.3
63.2
63.0
62.6
62.3
62.0
61.6
61.1
60.6
60.1
59.5
58.8
58.2
57.5
56.6
55.8
54.6
54.0
47.7
34.5
0.849
0.695
0.561
0.460
0.386
0.330
0.289
0.255
0.230
0.209
0.194
0.181
0.171
0.164
0.157
0.151
0.147
0.141
0.136
0.132
0.129
0.126
0.123
0.120
0.120
0.118
0.119
0.120
0.122
0.122
0.173
0.240
−21.5
−37.8
−47.9
−54.7
−59.4
−63.3
−66.7
−70.3
−73.8
−77.6
−81.2
−84.8
−88.3
−91.4
−94.4
−97.2
−99.9
−102.5
−104.6
−107.5
−110.1
−112.7
−115.5
−118.0
−121.1
−123.6
−126.9
−129.6
−133.7
−137.5
−161.2
174.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com