Electronic Components Datasheet Search
  English  ▼

X  

970-MP Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 970-MP
Description  PCB connector Screw connection, with test holes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

970-MP Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  970-MP Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
970-MP(-DS)
PCB connector
Screw connection, with test holes
11.17
L
5
1
ø
4,2
2,2
ø
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-24 poles: CTI 250
Insulating Group
2-8 poles: I; 9-24 poles: IIIa
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper alloy
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Pitch of 10 mm for larger clearance and creepage distances
• Longer solder pins up to 95 mm
• Version with larger clamping range
• Version with two solder pins per pole
• Version with extended wire entrance
• Double wire protector as bridge
[1] Min No. 26 AWG for factory-wiring only
[2] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 970-MP/02
10.872.202
970-MP-DS/02
20.872.202
10,00 mm
Box
250
3 970-MP/03
10.872.203
970-MP-DS/03
20.872.203
15,00 mm
Box
250
4 970-MP/04
10.872.204
970-MP-DS/04
20.872.204
20,00 mm
Box
200
5 970-MP/05
10.872.205
970-MP-DS/05
20.872.205
25,00 mm
Box
100
6 970-MP/06
10.872.206
970-MP-DS/06
20.872.206
30,00 mm
Box
100
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 24
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
1 - 6 mm² / 1 - 2,5 mm² / 16 - 12 AWG
with wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
3
2
Rated Voltage
250 V (200 V)
320 V
630 V (320 V)
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Current
24 A
Hole in PCB
ø 1,3 mm
Torque
0,5 Nm
Other specifications
Voltage data in brackets are valid for 9-24 poles
types
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
10
300
300
B
D
22-12 [1]
22-12 [1]
0,51
0,51
20
10
300
300
B
D, E
26 - 12
26 - 12
0,51
0,51
Current [A]
Voltage [V]
mm²
24
250
2,5 [2]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 970-MP

ManufacturerPart #DatasheetDescription
logo
EAO AG.
970-.000-00 EAO-970-.000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
970-.000-0P EAO-970-.000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
970-.000-K0 EAO-970-.000-K0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
970-0006-00 EAO-970-0006-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
logo
Glenair, Inc.
970-001 GLENAIR-970-001 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
More results

Similar Description - 970-MP

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
150-C-111 WECO-150-C-111 Datasheet
66Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
152-A-111 WECO-152-A-111 Datasheet
77Kb / 1P
PCB connector Screw connection, interlocking, with test holes
10.12
152-A-121 WECO-152-A-121 Datasheet
74Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB, interlocking, with test holes
10.12
152-A-211 WECO-152-A-211 Datasheet
76Kb / 1P
PCB connector Screw connection, interlocking, with test pick-off
10.12
940 WECO-940 Datasheet
167Kb / 1P
PCB connector Screw connection
11.17
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
977-T WECO-977-T Datasheet
140Kb / 1P
PCB connector Screw connection, with test holes, interlocking
07.19
977 WECO-977 Datasheet
146Kb / 1P
PCB connector Screw connection, with test holes
07.19
150-A-111 WECO-150-A-111 Datasheet
75Kb / 1P
PCB connector Screw connection, interlocking, with test holes
10.12
150-A-121 WECO-150-A-121 Datasheet
63Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB, interlocking, with test holes
10.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com