Electronic Components Datasheet Search
  English  ▼

X  

2SC5800 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5800
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5800 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5800 Datasheet HTML 1Page - Renesas Technology Corp 2SC5800 Datasheet HTML 2Page - Renesas Technology Corp 2SC5800 Datasheet HTML 3Page - Renesas Technology Corp 2SC5800 Datasheet HTML 4Page - Renesas Technology Corp 2SC5800 Datasheet HTML 5Page - Renesas Technology Corp 2SC5800 Datasheet HTML 6Page - Renesas Technology Corp 2SC5800 Datasheet HTML 7Page - Renesas Technology Corp 2SC5800 Datasheet HTML 8Page - Renesas Technology Corp 2SC5800 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet PU10166EJ01V0DS
2
µµµµPA873TC
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
5.5
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
200 in 1 element
mW
230 in 2 elements
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
−−
600
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
−−
600
nA
DC Current Gain
hFE
Note 1
VCE = 1 V, IC = 5 mA
100
−
145
−
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.5
−
GHz
Gain Bandwidth Product (2)
fT
VCE = 1 V, IC = 15 mA, f = 2 GHz
5.0
6.5
−
GHz
Insertion Power Gain (1)
S21e2 VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.0
−
dB
Insertion Power Gain (2)
S21e2 VCE = 1 V, IC = 15 mA, f = 2 GHz
4.5
5.5
−
dB
Noise Figure
NF
VCE = 1 V, IC = 10 mA, f = 2 GHz,
ZS = Zopt
−
1.9
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 0.5 V, IE = 0 mA, f = 1 MHz
−
0.6
0.8
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
FB
Marking
3F
hFE
100 to 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com