Electronic Components Datasheet Search
  English  ▼

X  

2SC5600 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5600
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5600 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5600 Datasheet HTML 10Page - Renesas Technology Corp 2SC5600 Datasheet HTML 11Page - Renesas Technology Corp 2SC5600 Datasheet HTML 12Page - Renesas Technology Corp 2SC5600 Datasheet HTML 13Page - Renesas Technology Corp 2SC5600 Datasheet HTML 14Page - Renesas Technology Corp 2SC5600 Datasheet HTML 15Page - Renesas Technology Corp 2SC5600 Datasheet HTML 16Page - Renesas Technology Corp 2SC5600 Datasheet HTML 17Page - Renesas Technology Corp 2SC5600 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet P15570EJ1V0DS
14
µµµµPA891TC
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
(dB)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.576
0.516
0.491
0.490
0.484
0.489
0.489
0.496
0.499
0.506
0.504
0.507
0.510
0.514
0.521
0.527
0.534
0.545
0.548
0.560
0.565
0.571
0.575
0.586
0.594
0.595
0.610
0.609
0.610
0.620
0.689
0.733
−82.7
−122.3
−143.9
−156.1
−164.6
−170.0
−175.5
−179.0
176.8
173.6
170.4
167.5
164.8
162.2
160.0
157.0
154.7
152.2
149.4
147.7
145.5
143.9
142.3
140.8
139.3
137.6
135.7
134.4
132.5
130.6
118.1
106.8
32.751
20.941
14.639
11.171
9.005
7.567
6.505
5.770
5.143
4.652
4.245
3.891
3.578
3.339
3.125
2.931
2.767
2.633
2.488
2.358
2.233
2.132
2.034
1.960
1.892
1.809
1.743
1.678
1.627
1.588
1.231
0.996
133.7
111.9
101.4
94.7
89.8
86.3
82.5
79.5
76.4
73.3
70.5
67.9
65.4
63.2
61.0
58.4
56.5
53.7
51.5
49.3
47.1
45.1
42.9
41.0
39.1
37.3
35.2
33.5
31.3
29.4
13.3
0.9
0.019
0.033
0.039
0.051
0.065
0.072
0.082
0.090
0.102
0.112
0.121
0.130
0.141
0.151
0.159
0.171
0.177
0.184
0.195
0.205
0.210
0.221
0.229
0.237
0.246
0.252
0.258
0.265
0.276
0.283
0.343
0.403
74.7
49.5
56.1
59.8
60.6
63.7
62.6
62.8
63.4
62.7
62.9
61.6
61.2
60.2
59.8
58.4
57.0
56.7
56.0
54.3
53.3
52.6
51.4
50.5
49.5
48.6
47.4
46.5
46.0
44.7
34.7
22.3
0.684
0.430
0.309
0.235
0.188
0.157
0.134
0.119
0.107
0.101
0.094
0.092
0.093
0.091
0.097
0.102
0.110
0.115
0.120
0.129
0.139
0.149
0.156
0.167
0.174
0.183
0.192
0.198
0.210
0.218
0.334
0.412
−47.8
−67.0
−77.0
−85.3
−90.6
−97.0
−102.3
−108.6
−115.2
−122.0
−127.8
−135.7
−142.2
−150.6
−157.2
−163.1
−168.7
−174.5
−179.7
176.7
171.2
169.6
165.1
162.2
158.6
156.7
153.6
152.8
150.2
149.4
135.3
124.5
0.229
0.558
0.743
0.819
0.859
0.914
0.936
0.957
0.959
0.962
0.979
0.987
0.989
0.993
0.999
0.994
1.002
1.000
1.002
0.996
1.009
1.004
1.009
1.002
0.997
1.008
1.002
1.009
1.008
0.999
0.972
0.946
32.37
27.98
25.75
23.37
21.41
20.24
18.99
18.08
17.03
16.18
15.47
14.76
14.03
13.44
12.94
12.35
11.67
11.46
10.79
10.61
9.69
9.45
8.91
8.87
8.86
8.00
8.02
7.42
7.15
7.50
5.55
3.93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com