Electronic Components Datasheet Search
  English  ▼

X  

2SC5600 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5600
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5600 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5600 Datasheet HTML 1Page - Renesas Technology Corp 2SC5600 Datasheet HTML 2Page - Renesas Technology Corp 2SC5600 Datasheet HTML 3Page - Renesas Technology Corp 2SC5600 Datasheet HTML 4Page - Renesas Technology Corp 2SC5600 Datasheet HTML 5Page - Renesas Technology Corp 2SC5600 Datasheet HTML 6Page - Renesas Technology Corp 2SC5600 Datasheet HTML 7Page - Renesas Technology Corp 2SC5600 Datasheet HTML 8Page - Renesas Technology Corp 2SC5600 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15538EJ1V0DS00 (1st edition)
Date Published May 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TWIN TRANSISTOR
µµµµPA891TD
NPN SILICON RF TRANSISTOR (WITH 2 ELEMENTS)
IN A 6-PIN LEAD-LESS MINIMOLD
Because this product uses high-frequency technology, avoid excessive static electricity, etc.
FEATURES
• Built-in low phase distortion transistor suited for OSC operation
fT = 5.0 GHz TYP.,
S21e2 = 4.0 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• Built-in 2 transistors (2
× 2SC5600)
• 6-pin lead-less minimold package
BUILT-IN TRANSISTORS
Q1, Q2
3-pin thin-type ultra super minimold part No.
2SC5600
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
µPA891TD
50 pcs (Non reel)
• 8 mm wide embossed taping
µPA891TD-T3
10 kpcs/reel
• Pin 1 (Q1 Collector), Pin 6 (Q1 Base) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
5.5
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
190 in 1 element
210 in 2 elements
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com