Electronic Components Datasheet Search
  English  ▼

X  

2SC5668 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5668
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5668 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5668 Datasheet HTML 1Page - Renesas Technology Corp 2SC5668 Datasheet HTML 2Page - Renesas Technology Corp 2SC5668 Datasheet HTML 3Page - Renesas Technology Corp 2SC5668 Datasheet HTML 4Page - Renesas Technology Corp 2SC5668 Datasheet HTML 5Page - Renesas Technology Corp 2SC5668 Datasheet HTML 6Page - Renesas Technology Corp 2SC5668 Datasheet HTML 7Page - Renesas Technology Corp 2SC5668 Datasheet HTML 8Page - Renesas Technology Corp 2SC5668 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet P15273EJ1V0DS
3
µµµµPA892TD
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
300
250
210
115
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Mounted on Glass Epoxy Board
(1.08 cm
2
× 1.0 mm (t) )
2 Elements in total
Per Element
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
0.5
0.4
0.3
0.2
0.1
0
5
10
15
VCE = 1 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
35
25
30
10
5
20
15
0
0.4
0.2
0.6
0.8
1.0
VCE = 2 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
35
25
30
10
5
20
15
0
0.4
0.2
0.6
0.8
1.0
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
35
20
25
30
15
5
10
01
2
3
4
IB = 50 A
µ
300 A
µ
500 A
µ
350 A
µ
400 A
µ
450 A
µ
200 A
µ
150 A
µ
100 A
µ
250 A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com