Electronic Components Datasheet Search
  English  ▼

X  

9255C Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9255C
Description  Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9255C Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9255C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9255C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9255C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9255C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9255C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Force
Multicomponent Dynamometer
–10 ... 60 kN, top plate 260x260 mm
© 2012 ... 2018 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41522241111, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type 9255C
Piezoelectric 3-component dynamometer for measuring the
three orthogonal components of a force. The dynamometer
has a great rigidity and consequently a high natural frequency.
Its high resolution enables the smallest dynamic changes in
large forces to be measured.
• Wide measuring range
• For heavy duty application
• Compact design
Description
The dynamometer consists of four 3-component force sensors
fitted under high preload between a baseplate and a top plate.
Each sensor contains three pairs of quartz plates, one sensitive
to pressure in the z direction and the other two responding to
shear in the x and y directions respectively. The force compo-
nents are measured practically without displacement.
The outputs of the four built-in force sensors are connected
inside the dynamometer in a way to allow multicomponent
measurements of forces and moments to be performed. The
eight output signals are available at the 9-conductor flange
socket. The four sensors are mounted ground-insulated.
Therefore ground loop problems are largely eliminated.
The dynamometer is rustproof and protected against pene-
tration of splashwater and cooling agents. Together with the
connecting cable Type 1687B5/1689B5 and Type 1677A5/
1679A5 it corresponds to the protection class IP67.
Application examples
• Dynamic and quasistatic measurement of the three ortho-
gonal components of a force
• Cutting force measurements while milling and grinding on
larger machines and in machining centers
• Measurements on stamping machines
• Measurements on wind tunnel models
• Measurements of supporting forces at machinery
foundations
Technical data
Range
Fx, Fy
kN
–30 ... 30
Fz
kN
–10 ... 60
Calibrated range
Fx, Fy
kN
0 ... 30
Fz
kN
0 ... 60
Calibrated partial range
Fx, Fy
kN
0 ... 3
Fz
kN
0 ... 6
Overload
Fx, Fy
kN
–36/36
Fz
kN
–12/72
Threshold
N
<0,01
Sensitivity
Fx, Fy
pC/N
≈–7,9
Fz
pC/N
≈–3,9
Linearity, all ranges
%FSO
≤±0,5
Hysteresis, all ranges
%FSO
≤0,5
Cross talk
Fz –> Fx, Fy %
<±1
Fx <–> Fy
%
<±2
Fx, Fy –> Fz %
<±2
Rigidity
cx, cy
N/μm
≈2 000
cz
N/μm
≈3 000
Natural frequency
fn (x)
kHz
≈2,2
(mounted on flanges)
fn (y)
kHz
≈1,8
fn (z)
kHz
≈2,3
Natural frequency
fn (x)
kHz
≈2,2
(mounted on flanges and
fn (y)
kHz
≈2,2
through top plate)
fn (z)
kHz
≈3,3
Operating temperature range
°C
–20 ... 70
Capacitance (of channel)
pF
≈500
Insulation resistance (20 °C)
Ω
>1013
Ground insulation
Ω
>108
Protection class EN60529
–
IP67 1)
Weight
kg
52
1) With connecting cable Types 1687B5, 1689B5, 1677A5, 1679A5


Similar Part No. - 9255C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
925574-2 MACOM-925574-2 Datasheet
54Kb / 1P
RTV SOCKET (FOR 1,3mm.DIA. PIN)
logo
TE Connectivity Ltd
925575-1 TEC-925575-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925575-2 TEC-925575-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925575-3 TEC-925575-3 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925590-1 TEC-925590-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9255C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9109A KISTLER-9109A Datasheet
428Kb / 4P
MicroDyn Multicomponent dynamometer up to 500 N, cover plate 30x30 mm
9119AA1 KISTLER-9119AA1 Datasheet
1Mb / 5P
MiniDyn Multicomponent Dynamometer up to 4 000 N, cover plate 39x80 mm
9119AA2 KISTLER-9119AA2 Datasheet
2Mb / 12P
MiniDyn Multicomponent Dynamometer up to 4 000 N, cover plate 55x80 mm
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com