Electronic Components Datasheet Search
  English  ▼

X  

9418A2 Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9418A2
Description  Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9418A2 Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9418A2 Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9418A2 Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9418A2 Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9418A2 Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9418A2 Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2009 ... 2014, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 2/5
Multicomponent Force Plate – for Gait and Balance Analysis in Biomechanics,
Fz 0 ... 5 kN, Type 9260AA...
Technical Data (Cont.)
Force Plate with Built-in 8-Channel Charge Amplifier
(4 Measuring Ranges)
Calibrated partial range
Fx, Fy
kN
0 ... 0,25
Fz
kN
0 ... 1
Calibrated range
Fx, Fy
kN
0 ... 1,25
Fz
kN
0 ... 5
Sensitivity range 1
Fxi, Fyi
mV/N
≈37,5
Fzi
mV/N
≈19,0
Sensitivity range 2
Fxi, Fyi
mV/N
≈7,5
Fzi
mV/N
≈3,8
Sensitivity range 3
Fxi, Fyi
mV/N
≈3,8
Fzi
mV/N
≈1,9
Sensitivity range 4
Fxi, Fyi
mV/N
≈1,9
Fzi
mV/N
≈0,9
Fig. 1:
Dimensions of multicomponent force plate Type 9260AA...
Dimensions
Ratio range
1:2:3:4
1:5:10:201)
Threshold
mN
<2502)
Drift
Fx, Fy
mN/s
<5
Fz
mN/s
<10
Supply voltage
VDC
10 ... 30
Supply current
mA
≈45
Output voltage
V
0 ... ±5
Output current
mA
–2 ... 2
Control inputs (optocoupler)
V
5 ... 45
mA
0,4 ... 4,4
1)
±0,5 % accuracy
2)
range 1 only
Conforms to the ä safety standards (73/23/EG) for electrical equipment
and systems: EN 60601-1:2005, EN 61010-1:2001
and the EMC standards (89/336/EG):
EN 60601-1:2005 (EN 55022 Class B), EN 61000-6-3:2004
(EN 55022 Class B), EN 61000-6-4:2001 (EN 55011 Class B),
EN 60601-1:2005, EN 61000-6-1:2001, EN 61000-6-2:2005.
D-Sub 25 pin neg.
D-Sub 25 pin neg.
Anti-slip textured finish
Load washer
2 surfaces/90°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com