Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G384GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G384GS
Description  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G384GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G384GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G384GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Nexperia
74LVC1G384
Bilateral switch
11.3. Test circuits
001aag482
VIL
VO
VCC
0.5VCC
Z/Y
Y/Z
E
600 Ω
fi
RL
10 µF
CL
D
Test conditions:
VCC = 1.65 V: VI = 1.4 V (p-p)
VCC = 2.3 V: VI = 2 V (p-p)
VCC = 3 V: VI = 2.5 V (p-p)
VCC = 4.5 V: VI = 4 V (p-p)
Fig. 20. Test circuit for measuring total harmonic distortion
001aag483
VIL
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.1 pF
CL
dB
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB.
Fig. 21. Test circuit for measuring the frequency response when switch is in ON-state
001aag484
VIH
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.5VCC
RL
0.1 pF
CL
dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig. 22. Test circuit for measuring isolation (OFF-state)
001aag485
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
600 Ω
logic
input
RL
0.5VCC
CL
G
Fig. 23. Test circuit for measuring crosstalk between digital inputs and switch
74LVC1G384
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 16 August 2022
13 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com