Electronic Components Datasheet Search
  English  ▼

X  

CZMA10 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CZMA10
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZMA10 Datasheet(HTML) 1 Page - Continental Device India Limited

  CZMA10 Datasheet HTML 1Page - Continental Device India Limited CZMA10 Datasheet HTML 2Page - Continental Device India Limited CZMA10 Datasheet HTML 3Page - Continental Device India Limited CZMA10 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CZMA3V9-47V
SOT-23
Formed SMD Package
Dual Zener Diodes, Common Anode
ABSOLUTE MAXIMUM RATINGS per diode (Ta=25°C unless specified otherwise)
DESCRIPTION
Repetitive Peak Forward Current
Repetitive Peak Working Current
**Thermal Resistance
From Junction to Ambient
* Device mounted on a ceramic alumna
** Device mounted on an FR5 printed circuit board
ELECTRICAL CHARACTERISTICS per diode (Ta=25°C VF < 0.9V max, IF=10mA)
Device
Temperature
Marking
Coefficient
***VZ (V)
SZ (mV/K)
IR
at
VR
at IZ test=5mA
min
max
typ
max
µµA
V
min
typ
max
typ
max
CZMA 3.9
3.70
4.10
85
90
3.0
1
-3.5
-2.5
0
400
600
D3.9
CZMA 4.3
4.00
4.60
80
90
3.0
1
-3.5
-2.5
0
410
600
D4.3
CZMA 4.7
4.40
5.00
50
80
3.0
2
-3.5
-1.4
0.2
425
500
D4.7
CZMA 5.1
4.80
5.40
40
60
2.0
2
-2.7
-0.8
1.2
400
480
D5.1
CZMA 5.6
5.20
6.00
15
40
1.0
2
-2.0
-1.2
2.5
80
400
D5.6
CZMA 6.2
5.80
6.60
6
10
3.0
4
0.4
2.3
3.7
40
150
D6.2
CZMA 6.8
6.40
7.20
6
15
2.0
4
1.2
3.0
4.5
30
80
D6.8
CZMA 7.5
7.00
7.90
6
15
1.0
5
2.5
4.0
5.3
30
80
D7.5
CZMA 8.2
7.70
8.70
6
15
0.7
5
3.2
4.6
6.2
40
80
D8.2
CZMA 9.1
8.50
9.60
6
15
0.5
6
3.8
5.5
7.0
40
100
D9.1
CZMA 10
9.40
10.60
8
20
0.2
7
4.5
6.4
8.0
50
150
D10
CZMA3.9_47VRev_1 071005E
***Pulse test 20ms < tp <50ms
rdiff (Ω
Ω)
rdiff (Ω
Ω)
Differential
Resistance
**Ptot
250
420
mW
K/W
Reverse
Current
150
VALUE
3V9 to 39
+ 5
250
250
300
°C
°C
UNIT
V
%
mA
mA
mW
Tstg
Rth (j-a)
SYMBOL
VZ
IFRM
IZRM
*Ptot
Tj
Differential
at IZ test=5mA
at IZ test=5mA
Resistance
at IZ test=5mA
Storage Temperature
Junction Temperature
For Lead Free Parts, Device Part #
will be Prefixed with "T"
Working Voltage Tolerance
Working Voltage Range
Power Dissipation upto Ta=25ºC
Power Dissipation upto Ta=25ºC
Working Voltage
- 55 to +150
1
2
3
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CZMA10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CZMA10 CDIL-CZMA10 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA10V CDIL-CZMA10V Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
CZMA10V RECTRON-CZMA10V Datasheet
32Kb / 1P
SOT-23 DUAL ZENER DIODE (Common Anode)
More results

Similar Description - CZMA10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com