| Electronic Components Datasheet Search |
|
CZMA22 Datasheet(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CZMA22 Datasheet(HTML) 3 Page - Continental Device India Limited |
|
3 / 4 page ![]() CZMA3V9-47V SOT-23 Formed SMD Package CZMA3.9_47VRev_1 071005E Reel specification for W" Packing (13" reel) SOT-23 Formed SMD Package For Lead Free Parts, Device Part # will be Prefixed with "T" Tape Specification for SOT-23 Surface Mount Device SOT-23 Package Reel Information SOT-23 T&R 3K/reel 10K/reel 136gm/3K pcs 415gm/10K pcs 3"x7.5"x7.5" 9"x9"x9" 13"x13"x0.5" 12 K 51 K 10 K 17"x15"x13.5" 19"x19"x19" 17"x15"x13.5" 192 K 408 K 300 K 12 kgs 28 kgs 16 kgs PACKAGE Net Weight/Qty Details STANDARDPACK INNER CARTON BOX Qty OUTER CARTON BOX Qty GrWt Size Size Packing Detail ± 0.02 ± 0.02 1.30 0.60 0.60 7° 0.08 PARTING LINE RO.08 0.21 6° 7° 5° ±3" ±0.05 2.50 ±4" 0.08 R0.08 ± 0.02 2.50 0.60 1.30 ±0.05 ±0.025 ±0.02 3° 3° 0.60 cL 1 2 3 ø329.2±0.5 / 178 ±0.5 14.4 7.9 – 10.9 9.2±0.5 MAX ø100.0±0.5 / 54.5 ±0.5 ø 2.0±0.5 ø20.2 MIN DETAIL X ø13.0 +0.5 –0.2 180 or 330 All dimensions in mm 330 / 180 mm – Antistatic Coated Plastic Reel NOTES: No. of Devices 8mm Tape Size of Reel 330 mm (13") 10,000 Pcs 8mm Tape Size of Reel 180 mm (7") 3,000 Pcs 1. The bandolier of 330 mm reel contains at least 10,000 devices. 2. The bandolier of 180 mm reel contains at least 3,000 devices. 3. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. 4. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. 5. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there. ±0.05 ±0.05 ±0.1 ±0.10 ±0.05 ±0.1 ±0.05 1.6 MAX 1.22 2.77 8.0 3.5 4.0 ±0.1 ±0.1 4.0 1.55 2.0 1.75 +0.3 5.75 MAX 3.15 1.0 - 0.1 Direction of Unreeling All dimensions in mm Continental Device India Limited Data Sheet Page 3 of 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |