Electronic Components Datasheet Search
  English  ▼

X  

CZMK16 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CZMK16
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZMK16 Datasheet(HTML) 2 Page - Continental Device India Limited

  CZMK16 Datasheet HTML 1Page - Continental Device India Limited CZMK16 Datasheet HTML 2Page - Continental Device India Limited CZMK16 Datasheet HTML 3Page - Continental Device India Limited CZMK16 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CZMK3V3-39V
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS Per Diode (Ta=25°C VF <0.9V max, IF=10mA)
Device
Working Voltage
Temperature
Marking
#
Coefficient
VZ(V)***
SZ (mV/K)
@ IZtest=5mA
@ IZtest=5mA
@ IZtest=5mA
@ IZtest=1mA
min
max
typ
max
µA
V
min
typ
max
typ
max
CZMK 11
10.40
11.60
10
20
0.1
8.0
5.4
7.4
9.0
50
150
ZY
CZMK 12
11.40
12.70
10
25
0.1
8.0
6.0
8.4
10
50
150
ZZ
CZMK 13
12.40
14.10
10
30
0.1
8.0
7.0
9.4
11
50
170
YB
CZMK 15
13.80
15.60
10
30
0.05 10.5
9.2
11.4
13
50
200
YC
CZMK 16
15.30
17.10
10
40
0.05 11.2
10.4
12.4
14
50
200
YD
CZMK 18
16.80
19.10
10
45
0.05 12.6
12.4
14.4
16
50
225
YE
CZMK 20
18.80
21.20
15
55
0.05 14.0
14.4
16.4
18
60
225
YF
CZMK 22
20.80
23.30
20
55
0.05 15.4
16.4
18.4
20
60
250
YG
CZMK 24
22.80
25.60
25
70
0.05 16.8
18.4
20.4
22
60
250
YH
@ IZtest=2mA
@ IZtest=2mA
@ IZtest=2mA
@ IZtest=0.5mA
CZMK 27
25.10
28.90
25
80
0.05
18.9
21.4
23.4 25.3
65
300
YJ
CZMK 30
28.00
32.00
30
80
0.05
21.0
24.4
26.6 29.4
70
300
YK
CZMK 33
31.00
35.00
35
80
0.05
23.1
27.4
29.7 33.4
75
325
YL
CZMK 36
34.00
38.00
35
90
0.05
25.2
30.4
33.0 37.4
80
350
YM
CZMK 39
37.00
41.00
40
130
0.05
27.3
33.4
36.4 41.2
80
350
YN
***Pulse test 20ms< tp <50ms.
rdiff (
Ω)
IR
rdiff (
Ω)
Resistance
Current
Resistance
Differential
Reverse
Differential
1
2
3
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 2 of
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com