Electronic Components Datasheet Search
  English  ▼

X  

ISO15MDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15MDW
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15MDW Datasheet(HTML) 1 Page - Texas Instruments

  ISO15MDW Datasheet HTML 1Page - Texas Instruments ISO15MDW Datasheet HTML 2Page - Texas Instruments ISO15MDW Datasheet HTML 3Page - Texas Instruments ISO15MDW Datasheet HTML 4Page - Texas Instruments ISO15MDW Datasheet HTML 5Page - Texas Instruments ISO15MDW Datasheet HTML 6Page - Texas Instruments ISO15MDW Datasheet HTML 7Page - Texas Instruments ISO15MDW Datasheet HTML 8Page - Texas Instruments ISO15MDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
ISO35x
ISO15x
D
R
B
A
13
12
DE
6
5
3
4
RE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
1 Features
3 Description
The ISO15 is an isolated half-duplex differential line
1
•
Meets or Exceeds TIA/EIA RS-485 Requirements
transceiver while the ISO35 is an isolated full-duplex
•
1/8 Unit Load – Up to 256 Nodes on a Bus
differential line driver and receiver for TIA/EIA
•
Signaling Rates up to 1 Mbps
485/422 applications. The ISO15M and ISO35M have
extended ambient temperature ratings of –55°C to
•
Thermal Shutdown Protection
125°C while the ISO15 and ISO35 are specified over
•
Low Bus Capacitance – 16 pF (Typical)
–40°C to 85°C.
•
50 kV/
μs Typical Transient Immunity
These devices are ideal for long transmission lines
•
Fail-safe Receiver for Bus Open, Short, Idle
because the ground loop is broken to allow for a
•
3.3-V Inputs are 5-V Tolerant
much larger common-mode voltage range. The
symmetrical barrier of the device is tested to provide
•
Safety and Regulatory Approvals
isolatlion of 4000 VPK per VDE and 2500 VRMS per UL
–
4000-VPK VIOTM, 560-VPK VIORM per DIN V VDE
and CSA between the bus-line transceiver and the
V 0884-10 (VDE V 0884-10):2006-12 and DIN
logic-level interface.
EN 61010-1
Any cabled I/O can be subjected to electrical noise
–
2500 VRMS Isolation Rating per UL 1577
transients
from
various
sources.
These
noise
–
2500 VRMS Isolation Rating per CSA CA5A and
transients can cause damage to the transceiver
IEC 60950-1
and/or nearby sensitive circuitry if they are of
sufficient magnitude and duration. These isolated
2 Applications
devices can significantly increase protection and
reduce the risk of damage to expensive control
•
Security Systems
circuits.
•
Chemical Production
•
Factory Automation
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Motor and Motion Control
ISO15
•
HVAC and Building Automation Networks
SOIC (16)
10.30 mm × 7.50 mm
ISO35
•
Networked Security Stations
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO15MDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO15MDW TI1-ISO15MDW Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO15MDW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com