Electronic Components Datasheet Search
  English  ▼

X  

ISO35DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35DW
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO35DW Datasheet HTML 6Page - Texas Instruments ISO35DW Datasheet HTML 7Page - Texas Instruments ISO35DW Datasheet HTML 8Page - Texas Instruments ISO35DW Datasheet HTML 9Page - Texas Instruments ISO35DW Datasheet HTML 10Page - Texas Instruments ISO35DW Datasheet HTML 11Page - Texas Instruments ISO35DW Datasheet HTML 12Page - Texas Instruments ISO35DW Datasheet HTML 13Page - Texas Instruments ISO35DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Input
Generator
1.5 V
C includesfixtureand
instrumentationcapacitance
L
A
B
R
RE
50 W
VI
VO
C =15pF
±20%
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
3 V
VOH
VOL
tf
tr
tPLH
tPHL
10%
90%
50%
0 V
VO
VI
50%
50%
50%
V
ID
IO
A
B
R
I B
I A
VIC
V
A
V
B
V B
VA+
2
VO
Input
Generator
50 W
D
A
B
DE
C includesfixtureand
Instrumentationcapacitance
L
VOL
tPLZ
VO
VI
VI
GND1
GND2
VO
C =50pF±20%
L
R =110
±1%
L
W
50%
50%
50%
10%
tPZL
3V
S1
3V
0V
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
5V
0V
Input
Generator
50 W
3 V
S1
C includesfixtureand
Instrumentation
capacitance
L
D
A
B
DE
3 V
VOH
0 V
tPZH
tPHZ
90%
0 V
VO
VI
C =50pF±20%
L
VO
RL =110
±20%
W
50%
50%
50%
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
Parameter Measurement Information (continued)
Figure 7. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 8. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveform
NOTE
Driver output pins are A and B for the ISO15 (see Figure 7 through Figure 8). These
correspond to ISO35 pins Y and Z
Figure 9. Receiver Voltage and Current Definitions
Figure 10. Receiver Switching Test Circuit and Waveforms
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com