Electronic Components Datasheet Search
  English  ▼

X  

ISO35MDW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35MDW
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35MDW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO35MDW Datasheet HTML 15Page - Texas Instruments ISO35MDW Datasheet HTML 16Page - Texas Instruments ISO35MDW Datasheet HTML 17Page - Texas Instruments ISO35MDW Datasheet HTML 18Page - Texas Instruments ISO35MDW Datasheet HTML 19Page - Texas Instruments ISO35MDW Datasheet HTML 20Page - Texas Instruments ISO35MDW Datasheet HTML 21Page - Texas Instruments ISO35MDW Datasheet HTML 22Page - Texas Instruments ISO35MDW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Driver Input
Driver Output
Receiver Input
Receiver Output
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
Typical Application (continued)
10.2.1 Design Requirements
RS-485 is a robust electrical standard suitable for long-distance networking that may be used in a wide range of
applications with varying requirements, such as distance, data rate, and number of nodes.
Table 3. Design Parameters
PARAMETER
VALUE
Pullup and Pulldown Resistors
1 k
Ω to 10 kΩ
Decoupling Capacitors
100 nF
10.2.2 Detailed Design Procedure
There is an inverse relationship between data rate and cable length, which means the higher the data rate, the
shorter the cable length; and conversely, the lower the data rate, the longer the cable length. When connecting a
node to the bus, the distance between the transceiver inputs and the cable trunk, known as the stub, should be
as short as possible. Stubs present a nonterminated piece of bus line which can introduce reflections as the
length of the stub increases. As a general guideline, the electrical length, or round-trip delay, of a stub should be
less than one-tenth of the rise time of the driver. The RS-485 standard specifies that a compliant driver must be
able to driver 32 unit loads (UL), where 1 unit load represents a load impedance of approximately 12 k
Ω.
Because these devices consists of 1/8 UL transceivers, connecting up to 256 receivers to the bus is possible.
10.2.3 Application Curve
Figure 20. Typical Input and Output Waveforms
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com