Electronic Components Datasheet Search
  English  ▼

X  

971-SLS/03 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 971-SLS/03
Description  Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

971-SLS/03 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  971-SLS/03 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
971-SLS
Pin strip
Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
07.19
MATERIAL
Moulding
PBTP, black, V-0
Comparative Tracking Index
CTI 175
Insulating Group
IIIa
Temperature Range
-40°C up to 100°C
Solder pin
ø 1,3 mm (plug-in area) / ø 1,0 mm (soldering
area); tin plated brass
OPTIONS / ACCESSORIES
• Pitch of 10 mm for larger clearance and creepage distances
• Other pin lengths on request
• Other solder pin surfaces on request
[1] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 971-SLS/02
12.893.602
10,00 mm
Box
500
3 971-SLS/03
13.893.602
15,00 mm
Box
500
4 971-SLS/04
14.893.602
20,00 mm
Box
250
5 971-SLS/05
15.893.602
25,00 mm
Box
250
6 971-SLS/06
16.893.602
30,00 mm
Box
250
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 24
Usable with
all sockets and plugs of series 95-FB und 97-FB,
97-FBW, 97-FBS
Additonal Information
Application tip:
In combination with 95-FB or 97-FB series socket
connectors, printed circuit boards can be directly
connected.
TECHNICAL DATA
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
200 V
320 V
320 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Current
6 A
Hole in PCB
ø 1,3 mm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
10
300
B
Current [A]
Voltage [V]
mm²
13,5
200 [1]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 971-SLS/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLR-SMD-1.1 WECO-971-SLR-SMD-1.1 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02 WECO-971-SLR-SMD-1.1/02 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02-TR WECO-971-SLR-SMD-1.1/02-TR Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/03 WECO-971-SLR-SMD-1.1/03 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
More results

Similar Description - 971-SLS/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
931-SLR-SMD-1.3 WECO-931-SLR-SMD-1.3 Datasheet
91Kb / 1P
Pin strip for SMD Plug-in area ø 1,3 mm
11.17
931-SLR-THR-1.3 WECO-931-SLR-THR-1.3 Datasheet
92Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
931-SLR-THR WECO-931-SLR-THR Datasheet
88Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
931-SLS WECO-931-SLS Datasheet
69Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
971-FBSP WECO-971-FBSP Datasheet
64Kb / 1P
Pin strip Plug-in area ø 1,3 mm, with locking plate
06.11
971-FBWP WECO-971-FBWP Datasheet
62Kb / 1P
Pin strip Plug-in area ø 1,3 mm, with locking plate
05.11
971-SLR-THR-1.3 WECO-971-SLR-THR-1.3 Datasheet
87Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
971-SLR-THR WECO-971-SLR-THR Datasheet
86Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLW WECO-971-SLW Datasheet
54Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with long support
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com