Electronic Components Datasheet Search
  English  ▼

X  

980-S/03 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 980-S/03
Description  PCB connector Screw connection, 1 solder pin per pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

980-S/03 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  980-S/03 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
980-S
PCB connector
Screw connection, 1 solder pin per pole
04.19
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Pressure clamp
Tin plated brass
Screw
M3; zinc plated steel, blue passivated
Solder pin
0,8 x 1,0 mm; tin plated brass
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Crosshead screws
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 980-S/02
10.873.602
14,00 mm
Box
200
3 980-S/03
10.873.603
20,30 mm
Box
100
4 980-S/04
10.873.604
26,60 mm
Box
100
5 980-S/05
10.873.605
33,00 mm
Box
100
6 980-S/06
10.873.606
39,30 mm
Box
100
further number of poles on request
GENERAL INFORMATION
Pitch
6,35 mm
No. of poles
2 - 32
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,25 - 1,5 mm² / 0,25 - 1 mm² / 22 - 18 AWG
Rated Cross Section
1 mm²
Wire Stripping Length
6 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
320 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
13,5 A
Hole in PCB
ø 1,6 mm
Torque
0,5 Nm
Other specifications
Per pole two conductors of identical cross-section
can be connected.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
7
7
300
150
B
C
22 - 18
22 - 18
0,51
0,51
7
300
B, D, E
22 - 18
0,51
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 980-S/03

ManufacturerPart #DatasheetDescription
logo
ITT Industries
980-0005-722 ITT-980-0005-722 Datasheet
9Mb / 301P
D Subminiature Connectors
980-0005-722 ITT-980-0005-722 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
980-0008-135 ITT-980-0008-135 Datasheet
9Mb / 301P
D Subminiature Connectors
980-0008-136 ITT-980-0008-136 Datasheet
9Mb / 301P
D Subminiature Connectors
980-0008-870 ITT-980-0008-870 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - 980-S/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
910-Y WECO-910-Y Datasheet
85Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
11.17
978-Y WECO-978-Y Datasheet
78Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, large conductor space
11.17
980-D WECO-980-D Datasheet
86Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
04.19
982-D WECO-982-D Datasheet
184Kb / 1P
Screw connection, 2 solder pins per pole
11.11
982-S WECO-982-S Datasheet
162Kb / 1P
Screw connection, 1 solder pin per pole
11.11
983-D WECO-983-D Datasheet
104Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
10.20
983-FS WECO-983-FS Datasheet
93Kb / 1P
Tab connector Tab/screw connection, 1 solder pin per pole
03.19
983-S WECO-983-S Datasheet
97Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
10.20
983-UD WECO-983-UD Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-US WECO-983-US Datasheet
61Kb / 1P
PCB connector Screw connection, 1 solder pin per pole, with surrounding rib
05.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com