Electronic Components Datasheet Search
  English  ▼

X  

983-FS Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 983-FS
Description  Tab connector Tab/screw connection, 1 solder pin per pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

983-FS Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  983-FS Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
983-FS
Tab connector
Tab/screw connection, 1 solder pin per pole
03.19
L = Number of poles x
pitch
Terminal design with tab
connector
package
8.022
TERMINAL DESIGNS / EXAMPLE OF MIXED ASSEMBLY
8.011
8.077
8.066
8.019
8.022
8.033
8.001
8.002
8.004
8.008
8.190
8.011
8.077
8.066
8.022
8.033
8.002
8.004
8.190
* = Screw connection
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Pressure clamp
Tin plated brass
Screw
M4; zinc plated steel, blue passivated
Solder pin
0,8 x 1,0 mm; tin plated brass
Tab
Nickel plated brass
Tubular rivet
Tin plated copper
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
• Crosshead screws
• 10 mm pin length
• Version without solder pin
• Version with screw connections only, please see 983-S
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 26
Usable with
receptacles for tabs acc. to DIN 46247
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,5 - 2,5 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
8,5 mm
Overvoltage Category
III
Pollution Severity Level
3
Rated Voltage
320 V
Rated Impulse Voltage
4 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
15 A: with receptacles 4,8; wire 2,5 mm² (14 AWG)
Hole in PCB
ø 1,6 mm
Torque
1,2 Nm
Other specifications
For screw connections, 2 wires of the same
cross-section can be connected per pole. The
specified rated voltage applies to applications with
insulating receptacles.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
300
B
20 - 12
15
10
300
300
B
D, E
20 - 12
20 - 12
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 983-FS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
983-F WECO-983-F Datasheet
1Mb / 2P
Tab/screw connector blocks with tabs 4,8 or screw connection
03.19
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
More results

Similar Description - 983-FS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
910-Y WECO-910-Y Datasheet
85Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
11.17
980-D WECO-980-D Datasheet
86Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
04.19
980-S WECO-980-S Datasheet
55Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
04.19
982-D WECO-982-D Datasheet
184Kb / 1P
Screw connection, 2 solder pins per pole
11.11
982-S WECO-982-S Datasheet
162Kb / 1P
Screw connection, 1 solder pin per pole
11.11
983-D WECO-983-D Datasheet
104Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
10.20
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
983-S WECO-983-S Datasheet
97Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
10.20
983-SMF-2.8 WECO-983-SMF-2.8 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-US WECO-983-US Datasheet
61Kb / 1P
PCB connector Screw connection, 1 solder pin per pole, with surrounding rib
05.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com