| Electronic Components Datasheet Search |
|
AD5764RASUZ Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5764RASUZ Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 32 page ![]() AD5764R Rev. PrA | Page 30 of 32 When data is being transmitted to the AD5764R, the SYNC line (PC7) is taken low and data is transmitted MSB first. Data appearing on the MOSI output is valid on the falling edge of SCK. Eight falling clock edges occur in the transmit cycle, so, in order to load the required 24-bit word, PC7 is not brought high until the third 8-bit word has been transferred to the DACs input shift register. MC68HC111 1ADDITIONAL PINS OMITTED FOR CLARITY AD5764R1 SDO MISO SDIN MOSI SCLK SCK SYNC PC7 Figure 41. AD5764R to MC68HC11 Interface LDAC is controlled by the PC6 port output. The DAC can be updated after each 3-byte transfer by bringing LDAC low. This example does not show other serial lines for the DAC. For example, if CLR were used, it could be controlled by port output PC5. AD5764R to 8XC51 Interface The AD5764R requires a clock synchronized to the serial data. For this reason, the 8XC51 must be operated in Mode 0. In this mode, serial data enters and exits through RXD, and a shift clock is output on TXD. P3.3 and P3.4 are bit programmable pins on the serial port and are used to drive SYNC and LDAC, respectively. The 8CX51 provides the LSB of its SBUF register as the first bit in the data stream. The user must ensure that the data in the SBUF register is arranged correctly, because the DAC expects MSB first. When data is to be transmitted to the DAC, P3.3 is taken low. Data on RXD is clocked out of the microcontroller on the rising edge of TXD and is valid on the falling edge. As a result, no glue logic is required between this DAC and the microcontroller interface. 8XC511 1ADDITIONAL PINS OMITTED FOR CLARITY AD5764R1 SCLK TxD SDIN RxD SYNC P3.3 LDAC P3.4 Figure 42. AD5764R to 8XC51 Interface The 8XC51 transmits data in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. Because the DAC expects a 24-bit word, SYNC (P3.3) must be left low after the first eight bits are transferred. After the third byte has been transferred, the P3.3 line is taken high. The DAC can be updated using LDAC via P3.4 of the 8XC51. AD5764R to ADSP2101/ADSP2103 Interface An interface between the AD5764R and the ADSP2101/ ADSP2103 is shown in Figure 43. The ADSP2101/ ADSP2103 should be set up to operate in the SPORT transmit alternate framing mode. The ADSP2101/ADSP2103 are programmed through the SPORT control register and should be configured as follows: internal clock operation, active low framing, and 24- bit word length. Transmission is initiated by writing a word to the TX register after the SPORT has been enabled. As the data is clocked out of the DSP on the rising edge of SCLK, no glue logic is required to interface the DSP to the DAC. In the interface shown, the DAC output is updated using the LDAC pin via the DSP. Alterna- tively, the LDAC input could be tied permanently low, and then the update takes place automatically when TFS is taken high. SCLK SDIN SYNC DT SCLK RFS ADSP2101/ ADSP21031 1ADDITIONAL PINS OMITTED FOR CLARITY SDO DR TFS LDAC FO AD5764R1 Figure 43. AD5764R to ADSP2101/ADSP2103 Interface AD5764R to PIC16C6x/7x Interface The PIC16C6x/7x synchronous serial port (SSP) is configured as an SPI master with the clock polarity bit set to 0. This is done by writing to the synchronous serial port control register (SSPCON). See the PIC16/17 Microcontroller User Manual. In this example, I/O port RA1 is being used to pulse SYNC and enable the serial port of the AD5764R. This microcontroller transfers only eight bits of data during each serial transfer operation; therefore, three consecutive write operations are needed. Figure 44 shows the connection diagram. Preliminary Technical Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |