Electronic Components Datasheet Search
  English  ▼

X  

AD6528 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6528
Description  GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6528 Datasheet(HTML) 1 Page - Analog Devices

  AD6528 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GSM/GPRS Digital Baseband Processor
For Smartphone and Wireless Handheld Devices
Preliminary Technical Data
AD6528
Rev. PrA
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices
assumes no obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use;
nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Analog Devices.
FEATURES
Complete Single Chip Programmable Digital
Baseband Processor divided into three main
subsystems:
Control Processor Subsystem including:
32-bit MCU ARM7TDMI
® Control Processor
On-chip System SRAM Memory
DSP Subsystem including
16-bit Fixed Point DSP Processor
Expanded Data and Program SRAM
Program Instruction Cache
Full Rate, Enhanced Full Rate and Half Rate
Speech Encoding/Decoding
DMA Subsystem including
16/32 channel chaining DMA
Peripheral Functions
Parallel and Serial Display Interface
Fast USB slave interface/ Fast IrDA
SPI slave/master
MMC/SD-Card support
Keypad Interface
FLASH Memory Interface
Pseudo SRAM support
13/26 MHz clock detection
1.8V and 3.0V, 64 kbps SIM Interface
Universal System Connector Interface
Baseband Converter Interface
Data Services Interface
Control of Radio Subsystem
Three independent programmable backlight outputs
Real Time Clock with Alarm
Programmable Power and Clock Management
Slow Clocking Scheme for Low Idle Mode Current
Power Down modes
On-chip support for GSM Data Services up to
14.4kbits/sec, Class 12 GPRS, HSCSD
JTAG Interface for Test and In-Circuit Emulation
1.8V Typical Operating Voltage
Operating Voltage Range 1.7V - 1.9V
Independent I/O and Memory Voltages
160-Ball LFBGA (mini-BGA) package
APPLICATIONS
GSM850/900/DCS1800/PCS1900 Smartphone and
Wireless PDA/Handheld Computers
GSM Phase 2 & GPRS Compliant
Full support for Java™, M-Services, and Multimedia
Messaging Services (MMS)
CONTROL
PROCESSOR
DSP
CHANNEL
EQUALIZER
SPEECH
CODEC
CHANNEL
CODEC
KEYPAD /
BACKLIGHT
INTERFACE
ACCESSORY
INTERFACE
RADIO
INTERFACE
SIM
INTERFACE
MEMORY
INTERFACE
UNIVERSAL
SYSTEM CONN.
INTERFACE
DATA
INTERFACE
TEST
INTERFACE
VOICEBAND /
BASEBAND
CODEC
INTERFACE
DISPLAY
INTERFACE
MCU
SYSTEM
SRAM
FIGURE 1. AD6528 FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD6528 is the third device in the Analog Devices
AD20msp430 series of SoftFone
® GSM Baseband Processors.
The AD6528 is intended for use in feature-rich Smartphone and
Wireless PDA/handheld computer applications with
GSM/GPRS connectivity. It is designed to interface easily to an
application processor in such systems.
The AD6528 integrates full rate, enhanced full rate and half rate
speech codecs as well as a full range of data services including
circuit-switched 14.4kb/s, GPRS to Class 12, and HSCSD. In
addition, it supports A5/1 and A5/2 encryption algorithms as
well as operation in non-encrypted mode.
The highly programmable architecture and sophisticated internal
communication channels of the AD6528 offer maximum
flexibility to system designers. It can adapt to tighter
requirements led by changes in standards and multi-standard
handset implementation.
A complete data sheet is available under Non-Disclosure
Agreement to pre-qualified developers of GSM/GPRS terminal
equipment. Contact your local Analog Devices Sales Office.
ARM
® and ARM7TDMI® are registered trademarks of ARM Limited
SoftFone
® is a trademark of Analog Devices, Inc.Java™ is a trademark
of Sun Microsystems, Inc.


Similar Part No. - AD6528

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6528 AD-AD6528_15 Datasheet
163Kb / 1P
For Smartphone and Wireless Handheld Devices
Rev. PrA
More results

Similar Description - AD6528

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
Baseband and audio interface for GSM
1999 May 03
logo
Infineon Technologies A...
PMB8875 INFINEON-PMB8875 Datasheet
3Mb / 2P
S-GOLDlite- Advanced Single - Chip GSM/GPRS Baseband Controller
2004-01-01
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
GSM SINGLE-CHIP BASEBAND PROCESSOR
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD6526 AD-AD6526 Datasheet
86Kb / 1P
GSM/GPRS Digital Baseband Processor
logo
Broadcom Corporation.
BCM2132 BOARDCOM-BCM2132 Datasheet
514Kb / 2P
EDGE/GPRS/GSM SINGLE-CHIP MULTIMEDIA BASEBAND PROCESSOR
logo
Skyworks Solutions Inc.
CX805-30 SKYWORKS-CX805-30 Datasheet
85Kb / 5P
CX805-30 Baseband Processor for Multiband GSM and GPRS Applications
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
GSM/GPRS Digital Baseband Processor
Rev. PrA
AD6528 AD-AD6528_15 Datasheet
163Kb / 1P
For Smartphone and Wireless Handheld Devices
Rev. PrA
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com