Electronic Components Datasheet Search
  English  ▼

X  

AD7321 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices AD7321 Datasheet HTML 25Page - Analog Devices AD7321 Datasheet HTML 26Page - Analog Devices AD7321 Datasheet HTML 27Page - Analog Devices AD7321 Datasheet HTML 28Page - Analog Devices AD7321 Datasheet HTML 29Page - Analog Devices AD7321 Datasheet HTML 30Page - Analog Devices AD7321 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD7321
Rev. 0 | Page 27 of 36
REFERENCE
The AD7321 can operate with either the internal 2.5 V on-chip
reference or an externally applied reference. The internal
reference is selected by setting the Ref bit in the control register
to 1. On power-up, the Ref bit is 0, which selects the external
reference for the AD7321 conversion. Suitable reference sources
for the AD7321 include AD780, AD1582, ADR431, REF193,
and ADR391.
The internal reference circuitry consists of a 2.5 V band gap
reference and a reference buffer. When operating the AD7321
in internal reference mode, the 2.5 V internal reference is available
at the REFIN/OUT pin, which should be decoupled to AGND
using a 680 nF capacitor. It is recommended that the internal
reference be buffered before applying it elsewhere in the system.
The internal reference is capable of sourcing up to 90 μA.
On power-up, if the internal reference operation is required for
the ADC conversion, a write to the control register is necessary
to set the Ref bit to 1. During the control register write, the
conversion result from the first initial conversion is invalid. The
reference buffer requires 500 μs to power up and charge the
680 nF decoupling capacitor during the power-up time.
The AD7321 is specified for a 2.5 V to 3 V reference range.
When a 3 V reference is selected, the ranges are ±12 V, ±6 V,
±3 V, and 0 V to +12 V. For these ranges, the VDD and VSS supply
must be equal to or greater than the maximum analog input
range selected (see Table 6).
VDRIVE
The AD7321 has a VDRIVE feature to control the voltage at which
the serial interface operates. VDRIVE allows the ADC to easily
interface to both 3 V and 5 V processors. For example, if the
AD7321 is operated with a VCC of 5 V, the VDRIVE pin can be
powered from a 3 V supply. This allows the AD7321 to accept
large bipolar input signals with low voltage digital processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com