Electronic Components Datasheet Search
  English  ▼

X  

BSP121 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP121
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP121 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP121 Datasheet HTML 2Page - NXP Semiconductors BSP121 Datasheet HTML 3Page - NXP Semiconductors BSP121 Datasheet HTML 4Page - NXP Semiconductors BSP121 Datasheet HTML 5Page - NXP Semiconductors BSP121 Datasheet HTML 6Page - NXP Semiconductors BSP121 Datasheet HTML 7Page - NXP Semiconductors BSP121 Datasheet HTML 8Page - NXP Semiconductors BSP121 Datasheet HTML 9Page - NXP Semiconductors BSP121 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1998 Apr 01
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP121
Fig.6
Transfer characteristic; VDS = 10 V;
Tj =25 °C; typical values.
handbook, halfpage
0
1.2
1.6
0.8
0.4
0
24
10
8
6
MDA746
ID
(A)
VGS (V)
Fig.7
Capacitance as a function of drain-source
voltage; VGS = 0; f = 1 MHz; Tj =25 °C;
typical values.
handbook, halfpage
0
120
160
80
40
0
510
25
20
15
MDA747
C
(pF)
VDS (V)
Crss
Ciss
Coss
Fig.8
Tj =25 °C; typical values.
handbook, halfpage
14
4
68
ID
(mA)
RDSon (Ω)
10
12
104
103
102
10
MDA748
VGS = 10 V
5 V
4 V
Fig.9
VGS(th) at 1 mA; typical values.
k
V
GS th
() at Tj
V
GS th
() at 25 °C
---------------------------------------------
;
=
handbook, halfpage
−50
0
50
Tj (°C)
k
150
1.4
1.2
0.8
0.6
1
100
MDA749



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com