Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 4.0 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 4 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS12200LT1G
http://onsemi.com
4
10 ms
100 ms
1 s
Thermal Limit
1 ms
Cibo (pF)
Figure 7. Input Capacitance
Figure 8. Output Capacitance
VEB, EMITTER BASE VOLTAGE (V)
4.0
3.0
2.0
1.0
0
125
150
300
325
350
375
Figure 9. Safe Operating Area
VCE (Vdc)
100
1.0
0.1
0.01
0.01
0.1
10
VCB, COLLECTOR BASE VOLTAGE (V)
10
5.0
4.0
1.0
0
75
100
125
150
200
175
6.0
5.0
200
225
250
275
175
Cobo (pF)
2.0 3.0
9.0
8.0
6.0 7.0
1.0
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com