Electronic Components Datasheet Search
  English  ▼

X  

AD7367ARUZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7367ARUZ
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7367ARUZ Datasheet HTML 8Page - Analog Devices AD7367ARUZ Datasheet HTML 9Page - Analog Devices AD7367ARUZ Datasheet HTML 10Page - Analog Devices AD7367ARUZ Datasheet HTML 11Page - Analog Devices AD7367ARUZ Datasheet HTML 12Page - Analog Devices AD7367ARUZ Datasheet HTML 13Page - Analog Devices AD7367ARUZ Datasheet HTML 14Page - Analog Devices AD7367ARUZ Datasheet HTML 15Page - Analog Devices AD7367ARUZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 16 of 16
PR06175-0-11/06(PrD)
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 11. Figure 12. 24-Lead TSSOP
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7367ARUZ1
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367ARUZ-REEL71
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367BRUZ1
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367BRUZ-REEL71
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367-5ARUZ1
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367-5ARUZ-REEL71
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367-5BRUZ1
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
AD7367-5BRUZ-REEL71
−40°C to +85°C
Thin Shrink Small Outline Package
RU-24
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com